Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2482 Datasheet(PDF) 55 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 55 Page - OSRAM GmbH

Back Button DL2482 Datasheet HTML 51Page - OSRAM GmbH DL2482 Datasheet HTML 52Page - OSRAM GmbH DL2482 Datasheet HTML 53Page - OSRAM GmbH DL2482 Datasheet HTML 54Page - OSRAM GmbH DL2482 Datasheet HTML 55Page - OSRAM GmbH DL2482 Datasheet HTML 56Page - OSRAM GmbH DL2482 Datasheet HTML 57Page - OSRAM GmbH DL2482 Datasheet HTML 58Page - OSRAM GmbH DL2482 Datasheet HTML 59Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
54
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
Lamp
P [W]
Q [J]
Rsub [
Ω]
min
max
min
max
min
max
OSRAM DULUX® S/E 5 W
0.5
1.0
1.0
2.0
30
40
OSRAM DULUX® S/E 7 W
0.5
1.0
1.0
2.0
30
40
OSRAM DULUX® S/E 9 W
0.5
1.0
1.0
2.0
30
40
OSRAM DULUX® S/E 11 W
0.5
1.0
1.0
2.0
30
40
OSRAM DULUX® D/E 10 W
0.6
1.2
1.0
2.0
30
40
OSRAM DULUX® D/E 13 W
0.7
1.4
1.0
2.0
30
40
OSRAM DULUX® D/E 18 W
0.7
1.4
0.9
1.8
18
24
OSRAM DULUX® D/E 26 W
0.8
1.6
1.0
2.0
9
12
OSRAM DULUX® T/E 13 W
1)
0.7
1.4
1.0
2.0
30
40
OSRAM DULUX® T/E 18 W
1)
0.7
1.4
0.9
1.8
18
24
OSRAM DULUX® T/E 26 W
1)
0.8
1.6
1.0
2.0
9
12
OSRAM DULUX® T/E 32 W
1)
0.8
1.6
1.0
2.0
9
12
OSRAM DULUX® T/E 42 W
1)
0.8
1.6
1.0
2.0
9
12
OSRAM DULUX® T/E 57 W IN
0.8
1.6
1.0
2.0
9
12
OSRAM DULUX® T/E 70 W IN
0.8
1.6
1.0
2.0
9
12
OSRAM DULUX® L 18 W
0.9
1.8
1.5
3.0
8
11
OSRAM DULUX® L 24 W
0.9
1.8
1.5
3.0
8
11
OSRAM DULUX® L 36 W
1.0
2.0
1.6
3.2
7
9
OSRAM DULUX® L 40 W
0.9
1.8
1.5
3.0
8
11
OSRAM DULUX® L 55 W
1.1
2.2
2.4
4.8
5
6.5
OSRAM DULUX® L 80 W
1.5
3.0
2.4
4.8
5
6.5
OSRAM DULUX® F 18 W
0.9
1.8
1.5
3.0
8
11
OSRAM DULUX® F 24 W
0.9
1.8
1.5
3.0
8
11
OSRAM DULUX® F 36 W
1.0
2.0
1.6
3.2
7
9
1)
Also for IN model
5. Data for control gear manufacturers
5.1.1 Preheating
(ECG operation)
continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com