Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2482 Datasheet(PDF) 43 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 43 Page - OSRAM GmbH

Back Button DL2482 Datasheet HTML 39Page - OSRAM GmbH DL2482 Datasheet HTML 40Page - OSRAM GmbH DL2482 Datasheet HTML 41Page - OSRAM GmbH DL2482 Datasheet HTML 42Page - OSRAM GmbH DL2482 Datasheet HTML 43Page - OSRAM GmbH DL2482 Datasheet HTML 44Page - OSRAM GmbH DL2482 Datasheet HTML 45Page - OSRAM GmbH DL2482 Datasheet HTML 46Page - OSRAM GmbH DL2482 Datasheet HTML 47Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
Some of the models in the OSRAM DULUX® compact fluorescent lamp range are ideal
for use in outdoor lighting systems where temperatures during the cold season may be
0 ºC or below. Some models ignite quite readily even at these low temperatures, and
some have critical ignition limits. When selecting lamps and luminaires, therefore, the
temperature factor should also be considered.
The following table shows the low temperature ranges at which various models with
two-pin bases will still start reliably in conjunction with conventional control gear.
Operating conditions:
230 V/50 Hz supply voltage
Base-down position
With electronic control gear, the temperature range for reliable ignition is extended down-
wards, even for critical models. Irrespective of the ambient temperature, the lamp is
always supplied with the optimum ignition pulse. Repeated attempts to ignite the lamp at
low temperatures will damage the lamp. With ECGs this situation is avoided altogether.
The temperature range in which an ECG will reliably ignite a lamp depends an the ECG
itself. Consult the ECG manufacturer for more details. Depending on the particular lamp
and the particular ECG used, OSRAM QUICKTRONIC® units can ignite compact fluores-
cent lamps at temperatures as low as -15 ºC or -20 ºC.
Reliable ignition (inductive operation) of the lamps (at low temperatures according to the
above table) takes place at rated voltage within a period of 60 s. There is a chance that
these ignition times will increase as the lamps age (ageing of the starters) or if moisture
penetrates the luminaire. In capacitive operation a longer ignition time than with induc-
tive operation must be expected.
In the case of inductive operation with undervoltage, the temperature threshold for re-
liable ignition of the lamps is raised. This longer ignition time must be taken into account.
4. Operating characteristics
42
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
4.2
Starting at low
temperatures
Lamp
Reliable ignition at temperatures down to:
5°C
0°C
-5°C
-10°C
-15°C -20°C
-25°C
-30°C
OSRAM DULUX® S
7 W, 9 W
5 W, 11 W
OSRAM DULUX® D
26W
13 W, 18 W
10W
OSRAM DULUX® T
13W,18W,
26 W
OSRAM DULUX® T IN 26 W
18 W
OSRAM DULUX® L
36 W
18 W, 24 W
OSRAM DULUX® L SP
18 W, 24 W
OSRAM DULUX® F
36 W 18 W, 24 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com