Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2482 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button DL2482 Datasheet HTML 20Page - OSRAM GmbH DL2482 Datasheet HTML 21Page - OSRAM GmbH DL2482 Datasheet HTML 22Page - OSRAM GmbH DL2482 Datasheet HTML 23Page - OSRAM GmbH DL2482 Datasheet HTML 24Page - OSRAM GmbH DL2482 Datasheet HTML 25Page - OSRAM GmbH DL2482 Datasheet HTML 26Page - OSRAM GmbH DL2482 Datasheet HTML 27Page - OSRAM GmbH DL2482 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
2. Lamp data
23
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.3.4 DULUX®
light
colours
Type
Luminous flux (lm) for light colour
LUMILUX®
LUMILUX® DE LUXE
Special light colour
860
840
830
827
950
940
930
60
66
67
Daylight
Cool white
Warm white
INTERNA®
Daylight
Cool white
Warm white
Red
Green
Blue
OSRAM DULUX® S 5W
250
250
250
OSRAM DULUX® S 7W
375
400
400
400
OSRAM DULUX® S 9W
565
600
600
600
400
800
200
OSRAM DULUX® S 11W
850
900
900
900
OSRAM DULUX® S/E 5W
250
250
OSRAM DULUX® S/E 7W
400
400
400
OSRAM DULUX® S/E 9W
600
600
600
OSRAM DULUX® S/E 11W
900
900
900
OSRAM DULUX® D 10W
600
600
600
OSRAM DULUX® D 13W
900
900
900
OSRAM DULUX® D 18W
1200
1200
1200
OSRAM DULUX® D 26W
1800
1800
1800
OSRAM DULUX® D/E 10W
600
600
600
OSRAM DULUX® D/E 13W
900
900
900
OSRAM DULUX® D/E 18W
1200
1200
1200
OSRAM DULUX® D/E 26W
1800
1800
1800
OSRAM DULUX® T 13W
900
900
900
OSRAM DULUX® T 18W1)
1200
1200
1200
OSRAM DULUX® T 26W1)
1800
1800
1800
OSRAM DULUX® T/E 13W
900
900
900
OSRAM DULUX® T/E 18W1)
1200
1200
1200
OSRAM DULUX® T/E 26W1)
1800
1800
1800
OSRAM DULUX® T/E 32W1)
2400
2400
2400
OSRAM DULUX® T/E 42W1)
3200
3200
3200
OSRAM DULUX® T/E 57W2)
4300
4300
4300
OSRAM DULUX® T/E 70W2)3)
5200
5200
OSRAM DULUX® L 18W
1200
1200
1200
750
750
750
OSRAM DULUX® L 24W
1800
1800
1800
1200
1200
1200
550
OSRAM DULUX® L 36W
2750
2900
2900
2900
1900
1900
1900
OSRAM DULUX® L 40W
3325
3500
3500
3500
2200
OSRAM DULUX® L 55W
4550
4800
4800
4800
3000
3000
3000
OSRAM DULUX® L 80W
6000
6000
6000
OSRAM DULUX® L 18W SP
1200
OSRAM DULUX® L 24W SP
1800
OSRAM DULUX® F 18W
1100
1100
1100
OSRAM DULUX® F 24W
1700
1700
1700
OSRAM DULUX® F 36W
2800
2800
2800
1)
Also for IN models
2)
Only for IN models
3)
In preparation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com