Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2482 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 1 Page - OSRAM GmbH

  DL2482 Datasheet HTML 1Page - OSRAM GmbH DL2482 Datasheet HTML 2Page - OSRAM GmbH DL2482 Datasheet HTML 3Page - OSRAM GmbH DL2482 Datasheet HTML 4Page - OSRAM GmbH DL2482 Datasheet HTML 5Page - OSRAM GmbH DL2482 Datasheet HTML 6Page - OSRAM GmbH DL2482 Datasheet HTML 7Page - OSRAM GmbH DL2482 Datasheet HTML 8Page - OSRAM GmbH DL2482 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Economical long-life
light sources with
plug-in bases
Compact fluorescent lamps
OSRAM DULUX®
Technical Guide


Similar Part No. - DL2482

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DL2484 OSRAM-DL2484 Datasheet
206Kb / 8P
DULUX L 24 W/840 2G11
August 25, 2014
More results

Similar Description - DL2482

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L10211 HAMAMATSU-L10211 Datasheet
158Kb / 2P
FLASH LIGHT SOURCES
logo
Cornell Dubilier Electr...
381EL CDE-381EL Datasheet
372Kb / 5P
Ultra-Long Life Snap-In, Aluminum
logo
ALPS ELECTRIC CO.,LTD.
SKQE ALPS-SKQE Datasheet
246Kb / 4P
12mm Square Long-life (Snap-in Type)
logo
OptoSupply Internationa...
OEMC57I12KP-XXXME1E1E OPTOSUPPLY-OEMC57I12KP-XXXME1E1E Datasheet
101Kb / 3P
Green light source, fast response Long life, easy installation
OEMCA0I18KP-XXXME1E1E OPTOSUPPLY-OEMCA0I18KP-XXXME1E1E Datasheet
101Kb / 3P
Green light source, fast response Long life, easy installation
logo
Omron Electronics LLC
Y92F31 OMRON-Y92F31 Datasheet
234Kb / 11P
Economical, Compact, Plug-in Timer
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
Long operating life.
logo
ALPS ELECTRIC CO.,LTD.
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3_18 Datasheet
355Kb / 4P
Stable ESR, Long Life, Snap-In
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
Long life feature.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com