Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2482 Datasheet(PDF) 52 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 52 Page - OSRAM GmbH

Back Button DL2482 Datasheet HTML 48Page - OSRAM GmbH DL2482 Datasheet HTML 49Page - OSRAM GmbH DL2482 Datasheet HTML 50Page - OSRAM GmbH DL2482 Datasheet HTML 51Page - OSRAM GmbH DL2482 Datasheet HTML 52Page - OSRAM GmbH DL2482 Datasheet HTML 53Page - OSRAM GmbH DL2482 Datasheet HTML 54Page - OSRAM GmbH DL2482 Datasheet HTML 55Page - OSRAM GmbH DL2482 Datasheet HTML 56Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
Measuring
Description
Max.temp.
point
0
This point is located at the bottom of the base and is determined by
90°C1)
the thermal load capacity of the glow starter installed in the bases of
according to
two-pin lamps for conventional operation. It is therefore relevant only
EN 60901
for these lamps (OSRAM DULUX® S, D, T and T IN).
1
The hottest point on the surface of the base on a line which on G23,
140°C2)
IEC
2G7 bases (OSRAM DULUX® S and OSRAM DULUX® S/E) is 8 mm
according to
measuring
and on G24, GX24, 2G10 and 2G11 bases (OSRAM DULUX® D, D/E,
EN 61199
point
T, T/E, L and F) 12 mm from the reference plane in the direction of the
Information
glass bulb. The limit value for this measuring point has been defined
for luminaire
in the relevant standard for safety reasons. (If this maximum
design as
temperature is exceeded the plastic base may start to soften
per IEC.
(applies to end of life).)
2
Measuring point 2 at the glass tube near the filament is the hottest
max. 190 °C
Electrode
point on the lamp. Measurements are taken 5 mm from the edge of
measuring
the base.
point
3
Applies only to OSRAM DULUX® 2-pin and OSRAM DULUX® 4-pin
In CCG and
Cold spot
lamps without amalgam. Corresponds to the cold spot for base-up
ECG operation
measuring
burning position and a free-burning lamp. In certain circumstances and
max. 100 °C
point
with other burning positions in the luminaire, however, the cold spot
(approx. 60 %
may be somewhere other than measuring point 3.
luminous flux)
Exceeding the maximum permitted temperature has a considerable
optimum 40°–
impact on the electrical and photometric data of the lamp and will
50°C (= 100%
cause the lamp to fail.
luminous flux)
Amalgam
Amalgam lamps: The measuring point for amalgam lamps is
85°–115°C
measuring
on the lamp glass of the amalgam reservoir inside the lamp base.
(= 90 %
point
This temperature can be measured only with specially prepared lamps. luminous flux)
1)
Measuring conditions: 25°C ambient temperature, draught free air
Reference ballast
Supply voltage UV = 1.06 x Urated
2)
Measuring conditions: Short-circuited starter
25°C ambient temperature, draught free air
Supply voltage UV = 1.1 x Urated
Reference ballast
51
DULUX® S
DULUX® S/E
DULUX® D
DULUX® T
DULUX® L
DULUX® F
DULUX® D/E
DULUX® T/E
Temperature measuring points:
1
0
2
3
0
1
2
3
1
2
1
2
3
0
1
2
3
1
2
3
4. Operating characteristics
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
4.8
Lamp
temperatures and
limiting values
Temperature measuring points are defined for OSRAM DULUX® lamps. The temperatures
at these points must be within the thresholds for the safe and reliable operation of the lamps.
The following limit temperatures must not be exceeded at these points even under
adverse installation conditions (in the luminaire, high room temperatures) and at high
supply voltages:
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com