Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2482 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button DL2482 Datasheet HTML 26Page - OSRAM GmbH DL2482 Datasheet HTML 27Page - OSRAM GmbH DL2482 Datasheet HTML 28Page - OSRAM GmbH DL2482 Datasheet HTML 29Page - OSRAM GmbH DL2482 Datasheet HTML 30Page - OSRAM GmbH DL2482 Datasheet HTML 31Page - OSRAM GmbH DL2482 Datasheet HTML 32Page - OSRAM GmbH DL2482 Datasheet HTML 33Page - OSRAM GmbH DL2482 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
2. Lamp data
29
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
OSRAM DULUX® T, OSRAM DULUX® T/E
Axial and radial luminous intensity distribution referred to 1000 lm
Base-up position
OSRAM DULUX® F
Axial and radial luminous intensity distribution referred to 1000 lm
Base-up position
- 90
°
90
°
- 60
°
- 30
°
- 150
°
- 120
°
180
°
150
°
120
°
60
°
30
°
0
°
60
100
100 cd
90
°
150
°
120
°
60
°
30
°
Candela
20
20
60
60
100
100
0
C-0
C-40
C-20
C-40
C-20
C-0
20
60
20
- 90
°
90
°
- 60
°
- 30
°
- 150
°
- 120
°
180
°
150
°
120
°
60
°
30
°
0
°
90
°
180
°
150
°
120
°
60
°
30
°
0
°
140
100
60
20
20
60
100
140
Candela
C-90
C-45
C-0
0
C-90 C-45
C-0
140 cd
100
60
60
100
20
20
2.3.9 Luminous intensity
distribution curves
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com