Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2482 Datasheet(PDF) 48 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button DL2482 Datasheet HTML 44Page - OSRAM GmbH DL2482 Datasheet HTML 45Page - OSRAM GmbH DL2482 Datasheet HTML 46Page - OSRAM GmbH DL2482 Datasheet HTML 47Page - OSRAM GmbH DL2482 Datasheet HTML 48Page - OSRAM GmbH DL2482 Datasheet HTML 49Page - OSRAM GmbH DL2482 Datasheet HTML 50Page - OSRAM GmbH DL2482 Datasheet HTML 51Page - OSRAM GmbH DL2482 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
4. Operating characteristics
47
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
OSRAM DULUX® lamps achieve 100 % luminous flux at ambient temperatures of 15 ºC
or 25 ºC, depending on the burning position, only after a certain run-up time has elap-
sed, as the curves above show (see 4.3).
For free-burning lamps, the ambient temperature corresponds to the room temperature.
If lamps are operated in luminaires, the temperature in the immediate vicinity of the
lamp is the one that is relevant to any measurement of luminous flux.
The lamps can be operated in any burning position. However, different burning posi-
tions and different ambient temperatures will lead to different luminous flux values. This
is due to temperature changes at certain locations on the lamp, known as the cold
spots. For this reason, we talk about the cold spot temperature. This temperature
affects the mercury vapour pressure in the lamp and therefore the luminous flux. A
knowledge of the luminous flux/temperature curve is important for luminaire designers.
The base-up position is favoured for indoor lighting, for example, whereas the base-
down position is preferred for out-door lighting (compare the values at 0 ºC, for ex-
ample).
OSRAM DULUX® and OSRAM DULUX® IN lamps are optimised for various temperature
ranges. OSRAM DULUX® IN amalgam lamps are ideal for high ambient temperatures
and emit more than 90 % of their maximum luminous flux over a wide temperature
range. If both types are used in a system with several luminaires there may, however,
be differences in colour perception and brightness. For this reason the two types
should not be used in combination.
Depending on the burning position the maximum luminous flux will be reached only
after a certain Run-up time (see 4.3). Under optimum conditions in CCG and ECG
operation, all the lamps require a burn-in time of 100 h (ageing).
4.6
Luminous flux
as a function of
temperature and
burning position
Typical luminous flux/temperature curves (here OSRAM DULUX® T/E).
4.6.1 Luminous flux/
temperature curves
for OSRAM DULUX®
lamps in general
Ambient temperature for lamp (
°C)
100 %
80 %
60 %
40 %
20 %
0 %
-20
0
10
30
40
50
60
-10
20
70
Base down and horizontal
Base up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com