Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 9Page - STMicroelectronics STMPE821 Datasheet HTML 10Page - STMicroelectronics STMPE821 Datasheet HTML 11Page - STMicroelectronics STMPE821 Datasheet HTML 12Page - STMicroelectronics STMPE821 Datasheet HTML 13Page - STMicroelectronics STMPE821 Datasheet HTML 14Page - STMicroelectronics STMPE821 Datasheet HTML 15Page - STMicroelectronics STMPE821 Datasheet HTML 16Page - STMicroelectronics STMPE821 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
STMPE821
Register map and function description
13/55
5
Register map and function description
This section lists and describes the registers of the STMPE821 device, starting with a
register map and then provides detailed descriptions of register types.
Table 5.
Register summary map table
Address
Register name
Bit
Type
Reset value
Function
0x00
CHIP_ID_0
8
R
0x08
Device identification
0x01
CHIP_ID_1
8
R
0x21
Device identification
0x02
ID_VER
8
R
0x01
Revision number
0x03
SYS_CFG_1
8
R/W
0x00
System configuration 1
0x04
SYS_CFG_2
8
R/W
0xEF
System configuration 2
0x08
INT_CTRL
8
R/W
0x01
Interrupt control register
0x09
INT_EN
8
R/W
0x01
Interrupt enable register
0x0A
INT_STA
8
R
0x01
Interrupt status register
0x0B
GPIO__INT_EN_lsb
8
R/W
0x00
GPIO interrupt enable register
0x0C
GPIO__INT_EN_msb
8
R/W
0x00
GPIO interrupt enable register
0x0D
GPIO_INT_STA_lsb
8
R/W
0x00
GPIO interrupt status register
0x0E
GPIO_INT_STA_msb
8
R/W
0x00
GPIO interrupt status register
0x10
GPIO_MR
8
R/W
0x00
GPIO monitor pin
0x12
GPIO_SET
8
R/W
0x00
GPIO set pin state register
0x14
GPIO_DIR
8
R/W
0x00
GPIO set pin direction register
0x16
GPIO_FUNCT
8
R/W
0x00
GPIO function register
0x18
TOUCH_FIFO
64
R
0x00
Fifo access for touch data buffer
0x20
FEATURE_SEL
8
R/W
0x04
Feature selection
0x21
ETC_WAIT
8
R/W
0x27
Wait time
0x22
CAL_INTERVAL
8
R/W
0x30
Calibration interval
0x23
INTEGRATION_
TIME
8
R/W
0x0F
Integration time
0x25
CTRL
8
R/W
0x00
Control
0x26
INT_MASK
8
R/W
0x08
Interrupt mask
0x27
INT_CLR
8
R/W
0x00
Interrupt clear
0x28
FILTER_PERIOD
8
R/W
0x00
Filter period
0x29
FILTER_THRESHOL
D
8
R/W
0x00
Filter threshold
0x2A
REF_DLY
8
R/W
0x00
Reference delay
0x30 -
0x37
TVR
8
R/W
0x08
Touch variance setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com