Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 10Page - STMicroelectronics STMPE821 Datasheet HTML 11Page - STMicroelectronics STMPE821 Datasheet HTML 12Page - STMicroelectronics STMPE821 Datasheet HTML 13Page - STMicroelectronics STMPE821 Datasheet HTML 14Page - STMicroelectronics STMPE821 Datasheet HTML 15Page - STMicroelectronics STMPE821 Datasheet HTML 16Page - STMicroelectronics STMPE821 Datasheet HTML 17Page - STMicroelectronics STMPE821 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Register map and function description
STMPE821
14/55
0x40
EVR
8
R/W
0x04
Enviromental variance
0x50 -
0x57
STRENGTH_THRES
[0-7]
8
R/W
0x01
Setting of strength threshold for
each channel
0x60 -
0x67
STRENGTH [0-7]
8
R
0x00
Strenght
0x70 -
0x77
CAL_IMPEDANCE
[0-7]
8
R
0x00
Calibrated impedance
0x80 -
0x87
IMPEDANCE [0-7]
8
R
0x00
Impedance
0x90
TOUCH_BYTE_L
8
R
0x00
Touch sensing data output
0x91
TOUCH_BYTE_H
8
R
0x00
Touch sensing data output
0x92
INT_PENDING
8
R/W
0x00
Status of GINT interrupt
sources
0xA0
PWM_OFF_OUTPUT
8
R/W
0x00
PWM group control
0xA1
MASTER_EN
8
R/W
0x00
Master enable
0xB0
PWM0_SET
8
R/W
0x00
PWM 0 setup
0xB1
PWM0_CTRL
8
R/W
0x00
PWM 0 control
0xB2
PWM0_RAMP_RATE
8
R/W
0x00
PWM 0 ramp rate
0xB4
PWM1_SET
8
R/W
0x00
PWM 1 setup
0xB5
PWM1_CTRL
8
R/W
0x00
PWM 1 control
0xB6
PWM1_RAMP_RATE
8
R/W
0x00
PWM 1 ramp rate
0xB8
PWM2_SET
8
R/W
0x00
PWM 2 setup
0xB9
PWM2_CTRL
8
R/W
0x00
PWM 2 control
0xBA
PWM2_RAMP_RATE
8
R/W
0x00
PWM 2 ramp rate
0xBC
PWM3_SET
8
R/W
0x00
PWM 3 setup
0xBD
PWM3_CTRL
8
R/W
0x00
PWM 3 control
0xBE
PWM3_RAMP_RATE
8
R/W
0x00
PWM 3 ramp rate
Table 5.
Register summary map table (continued)
Address
Register name
Bit
Type
Reset value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com