Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 37Page - STMicroelectronics STMPE821 Datasheet HTML 38Page - STMicroelectronics STMPE821 Datasheet HTML 39Page - STMicroelectronics STMPE821 Datasheet HTML 40Page - STMicroelectronics STMPE821 Datasheet HTML 41Page - STMicroelectronics STMPE821 Datasheet HTML 42Page - STMicroelectronics STMPE821 Datasheet HTML 43Page - STMicroelectronics STMPE821 Datasheet HTML 44Page - STMicroelectronics STMPE821 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
STMPE821
Basic PWM controller
41/55
10
Basic PWM controller
The advanced PWM allows complex brightness and blinking control of a LED. The basic
PWM controller allows simpler brightness control and basic blinking patterns. The
STMPE821 is fitted with a 4-channel basic PWM controller.
The PWM controllers outputs are connected to the GPIO 0-3. In order to activate the PWM
channels, the alternate function bits in the master enable register must be set to '1'. The
PWM controllers are capable of generating the following brightness patterns:
Figure 10.
Pulses with programmable brightness, ON/OFF period and repetition
On period = period 0[1:0] * time unit [3:0]
Off period = period 1[1:0] * time unit [3:0]
Duty cycle during “on period” = brightness [7:4]
Number of cycles = repetition [3:0]
Ramp mode is disabled
Figure 11.
Ramps with programmable brightness, ON/OFF period and repetition
Duty
cycle
Time
On
period
Off
period
ON
period
Off
period
1 time
unit
CS00054
Duty
cycle
Time
ON
period
Off
period
ON
period
Off
period
1 time
unit
CS00055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com