Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 21Page - STMicroelectronics STMPE821 Datasheet HTML 22Page - STMicroelectronics STMPE821 Datasheet HTML 23Page - STMicroelectronics STMPE821 Datasheet HTML 24Page - STMicroelectronics STMPE821 Datasheet HTML 25Page - STMicroelectronics STMPE821 Datasheet HTML 26Page - STMicroelectronics STMPE821 Datasheet HTML 27Page - STMicroelectronics STMPE821 Datasheet HTML 28Page - STMicroelectronics STMPE821 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
STMPE821
Capacitive touch module registers
25/55
9
Capacitive touch module registers
TOUCH_FIFO
Touch FIFO
Address:
0x19, 0x18
Type:
R
Reset:
0x00
Description:
TOUCH_FIFO is the access port for the internal 4-level FIFO used for buffering the
touch events. While it is possible to access each bytes in the data structure directly, it
is recommended that the FIFO is accessed only via the 0x18 address.
The FIFO must be accessed in multiples of 2 bytes (LSB, MSB). For STMPE821,
MSB is reserved and LSB contains a snapshot of the recent touch event. The FIFO
must be accessed in multiples of 2 bytes (LSB, MSB). For STMPE821, MSB is
reserved and LSB contains a snapshot of the recent touch event.
Where Tn is touch status of touch sensing channel n.
Table 10.
TOUCH_FIFO summary table
Address
Function
0x18
FIFO-0, LSB
0x19
FIFO-0, MSB
0x1A
FIFO-1, LSB
0x1B
FIFO-1, MSB
0x1C
FIFO-2, LSB
0x1D
FIFO-2, MSB
0x1E
FIFO-3, LSB
0x1F
FIFO-3, MSB
7654
3
2
1
0
T7
T6
T5
T4
T3
T2
T1
T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com