Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 42Page - STMicroelectronics STMPE821 Datasheet HTML 43Page - STMicroelectronics STMPE821 Datasheet HTML 44Page - STMicroelectronics STMPE821 Datasheet HTML 45Page - STMicroelectronics STMPE821 Datasheet HTML 46Page - STMicroelectronics STMPE821 Datasheet HTML 47Page - STMicroelectronics STMPE821 Datasheet HTML 48Page - STMicroelectronics STMPE821 Datasheet HTML 49Page - STMicroelectronics STMPE821 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Basic PWM controller
STMPE821
46/55
PWM_CTRL_n
PWM control register n=0-3
Address:
0xB1, 0xB5, 0xB9, 0xBD
Type:
R/W
Reset:
0x00
Description:
This register controls the sequence and repetition of blinking.
765
4
3
2
1
0
PERIOD_0
PERIOD_1
REPETITION
FRAME_ORDER
[7:6] PERIOD_0:
This defines the ON period time which is when the PWM channel output is toggling. The time
unit is as defined in the TIMING bits of the respective TIMING_SETUP registers:
00: 1 time unit
01: 2 time unit
10: 3 time unit
11: 4 time unit
[5:4] PERIOD_1:
This defines the OFF period time which is when the PWM channel output is low, that is, not
toggling. The time unit is as defined in the TIMING bits of the respective TIMING_SETUP
registers:
00: 0 time unit. This means that there is no OFF period but only ON period, that is, the PWM
channel output will always be toggling.
01: 1 time unit
10: 2 time unit
11: 3 time unit
[3:1] REPETITION:
This defines the number of repetition of pairs of PERIOD_0 and PERIOD_1.
000: infinite repetition.
001: execute only one pair.
010: execute 2 pairs
011: execute 3 pairs
100: execute 4 pairs
101: execute 5 pairs
110: execute 6 pairs
111: execute 7 pairs
[0] FRAME_ORDER:
For PWM mode, this defines which frame, PERIOD_0 or PERIOD_1 comes first.
0: PERIOD_0 is outputted first then PERIOD_1.
1: PERIOD_1 is outputted first then PERIOD_0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com