Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 11Page - STMicroelectronics STMPE821 Datasheet HTML 12Page - STMicroelectronics STMPE821 Datasheet HTML 13Page - STMicroelectronics STMPE821 Datasheet HTML 14Page - STMicroelectronics STMPE821 Datasheet HTML 15Page - STMicroelectronics STMPE821 Datasheet HTML 16Page - STMicroelectronics STMPE821 Datasheet HTML 17Page - STMicroelectronics STMPE821 Datasheet HTML 18Page - STMicroelectronics STMPE821 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
STMPE821
System and identification registers
15/55
6
System and identification registers
Table 6.
System and identification registers map
CHIP_ID_x
Device identification
Address:
0x00, 0x01
Type:
R
Reset:
0x08, 0x21
Description:
16-bit device identification
ID_VER
Revision number
Address:
0x02
Type:
R
Reset:
0x01
Description:
16-bit revision number
Address
Register name
Bit
Type
Reset
Function
0x00
CHIP_ID_0
16
R
0x08
Device identification
0x01
CHIP_ID_1
16
R
0x21
Device identification
0x02
ID_VER
8
R
0x01
Revision number
0x03
SYS_CFG_1
8
R/W
0x00
System configuration 1
0x04
SYS_CFG_2
8
R/W
0xEF
System configuration 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com