Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 18Page - STMicroelectronics STMPE821 Datasheet HTML 19Page - STMicroelectronics STMPE821 Datasheet HTML 20Page - STMicroelectronics STMPE821 Datasheet HTML 21Page - STMicroelectronics STMPE821 Datasheet HTML 22Page - STMicroelectronics STMPE821 Datasheet HTML 23Page - STMicroelectronics STMPE821 Datasheet HTML 24Page - STMicroelectronics STMPE821 Datasheet HTML 25Page - STMicroelectronics STMPE821 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Interrupt controller module
STMPE821
22/55
GPIO_INT_EN
GPIO interrupt enable registerI
Address:
0x0B, 0x0C
Type:
R/W
Reset:
0x00
Description:
The GPIO interrupt enable register is used to enable the interruption from a particular
GPIO interrupt source to the host. The IEg[7:0] bits and the interrupt enable mask bits
correspond to the GPIO[7:0} pins.
GPIO_INT_STA
GPIO interrupt status register
Address:
0x0D
Type:
R/W
Reset:
0x00
Description:
The GPIO interrupt status register LSB monitors the status of the interruption from a
particular GPIO pin interrupt source to the host. Regardless whether the IEGPIOR
bits are enabled or not, the INT_STA_GPIO_LSB bits are still updated. The ISG[7:0]
bits are the interrupt status bits correspond to the GPIO[7:0] pins.
7654
3
2
1
0
IEG[x]
[7:0] IEG[7:0]
Interrupt enable GPIO mask (where x = 7 to 0)
Writing a ‘1’ to the IE[x] bit will enable the interruption to the host.
7654
3
2
1
0
[7:0] ISG[x]:
Interrupt status GPIO (where x = 7 to 0)
Read:
Interrupt status of the GPIO[x]. Writing ‘1’ clears a bit. Writing ‘0’ has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com