Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 12Page - STMicroelectronics STMPE821 Datasheet HTML 13Page - STMicroelectronics STMPE821 Datasheet HTML 14Page - STMicroelectronics STMPE821 Datasheet HTML 15Page - STMicroelectronics STMPE821 Datasheet HTML 16Page - STMicroelectronics STMPE821 Datasheet HTML 17Page - STMicroelectronics STMPE821 Datasheet HTML 18Page - STMicroelectronics STMPE821 Datasheet HTML 19Page - STMicroelectronics STMPE821 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
System and identification registers
STMPE821
16/55
SYS_CFG_1
System configuration 1
Address:
0x03
Type:
R/W
Reset:
0x00
Description:
The reset control register enables to reset the device
SYS_CFG_2
System configuration 2
Address:
0x04
Type:
R/W
Reset:
0xEF
Description:
This register enables to switch off the clock supply
7654
3
2
1
0
RESERVED
SLEEP
WARM_RESET
SOFT_RESET
HIBERNATE
[7:4] RESERVED
[3] SLEEP:
Write ‘1’ to enable sleep mode
[2] WARM_RESET:
Write ‘1’ to initiate a warm reset. Register content remains, state machine reset.
[1] SOFT_RESET:
Write ‘1’ to initiate a soft reset. All registers content and state machines reset.
[0] HIBERNATE: Force the device into hibernation mode.
Write ‘1’ to enter the hibernate mode,
7654
3
2
1
0
SENSOR
CLOCK 2
SENSOR
CLOCK 1
SENSOR
CLOCK 0
−
PWM CLOCK
DISABLE
GPIO CLOCK
DISABLE
FIFO CLOCK
DISABLE
TOUCH CLOCK
DISABLE
[7:5] SENSOR CLOCK: See description in the table below.
[4] RESERVED
[3] PWM CLOCK DISABLE:
Write ‘1’ to disable the clock to PWM unit.
[2] GPIO CLOCK DISABLE:
Write ‘1’ to disable the clock to GPIO unit. Note that GPIO clock is required for PWM operation.
[1] FIFO CLOCK DISABLE:
Write ‘1’ to disable the clock to FIFO unit. This must be set to ‘0’ if touch interrupt is required.
[0] TOUCH CLOCK DISABLE:
Write ‘1’ to disable the clock to TOUCH unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com