Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 22Page - STMicroelectronics STMPE821 Datasheet HTML 23Page - STMicroelectronics STMPE821 Datasheet HTML 24Page - STMicroelectronics STMPE821 Datasheet HTML 25Page - STMicroelectronics STMPE821 Datasheet HTML 26Page - STMicroelectronics STMPE821 Datasheet HTML 27Page - STMicroelectronics STMPE821 Datasheet HTML 28Page - STMicroelectronics STMPE821 Datasheet HTML 29Page - STMicroelectronics STMPE821 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
Capacitive touch module registers
STMPE821
26/55
FEATURE_SELECT
Feature select
Address:
0x20
Type:
R/W
Reset:
0x04
Description:
Controls AFS (advanced filtering system and second level filtering feature
ETC_WAIT
Wait time setting
Address:
0x21
Type:
R/W
Reset:
0x27
Description:
Sets the wait time between the calibration and the last button touch
7654
3
2
1
0
RESERVED
AFS3
AFS2
AFS1
Filter EN
[7:4] RESERVED
[3] AFS3:
Write '1' to enable AFS mode 3
[2] AFS2:
Write '1' to enable AFS mode 2
[1] AFS1:
Write '1' to enable AFS mode 1
[0] Filter EN:
Write '1' to enable filter
7654
3
2
1
0
ETC_WAIT[7:0]
[7:0] ETC_WAIT[7:0]:
ETC wait time = ETC_Wait[7:0] *64 + sensor clock period
A "non-touch" condition must persist for this wait time, before an ETC operation is carried out.
Range: 800 mS - 12.8 S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com