Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 45Page - STMicroelectronics STMPE821 Datasheet HTML 46Page - STMicroelectronics STMPE821 Datasheet HTML 47Page - STMicroelectronics STMPE821 Datasheet HTML 48Page - STMicroelectronics STMPE821 Datasheet HTML 49Page - STMicroelectronics STMPE821 Datasheet HTML 50Page - STMicroelectronics STMPE821 Datasheet HTML 51Page - STMicroelectronics STMPE821 Datasheet HTML 52Page - STMicroelectronics STMPE821 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
STMPE821
Electrical specifications
49/55
12
Electrical specifications
Table 13.
DC electrical characteristics (-40
−85 °C unless otherwise stated))
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VCC
Core supply voltage
1.65
−
1.95
V
VIO
IO supply voltage
1.65
−
5.5
V
Iactive
Active current
5% touch activity
42
63
μA
Iactive
Active current
10% touch activity
60
90
μA
Iactive
Active current
100% touch activity
350
550
μA
Isleep
Sleep current
25
40
μA
Ihibernate
Hibernate current
4
7
μA
VIL
Input voltage low state
(reset/I2C)
VCC = 1.8 V
-0.3 V
0.35 VCC
V
VIH
Input voltage high state
(reset/I2C)
VCC =1.8 V
0.65VCC
VCC+0.3 V
V
VIL
Input voltage low state
(GPIO)
VIO =1.8
−5.0 V
-0.3 VIO
0.35 VIO
V
VIH
Input voltage high state
(GPIO)
VIO =1.8
−5.0 V
0.65 VIO
VIO+0.3 V
V
VOL
Output voltage low state
(GPIO)
VIO = 1.8 V,
IOL =4mA
-0.3 V
0.25 VIO
V
VOH
Output voltage high state
(GPIO)
VIO = 1.8 V,
IOL =4mA
0.75 VIO
VIO+0.3 V
V
VOL
Output voltage low state
(GPIO)
VIO =3.3
−5.0 V,
IOL =8mA
-0.3 V
0.25 VIO
V
VOH
Output voltage high state
(GPIO)
VIO =3.3
−5.0 V,
IOL =8mA
0.75 VIO
VIO+0.3 V
V
ILEAKAGE Input leakage current
VIN = 5.5 V,
VIO =5.5 V
All GPIOs
0.05
0.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com