Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 59Page - STMicroelectronics ST75C540 Datasheet HTML 60Page - STMicroelectronics ST75C540 Datasheet HTML 61Page - STMicroelectronics ST75C540 Datasheet HTML 62Page - STMicroelectronics ST75C540 Datasheet HTML 63Page - STMicroelectronics ST75C540 Datasheet HTML 64Page - STMicroelectronics ST75C540 Datasheet HTML 65Page - STMicroelectronics ST75C540 Datasheet HTML 66Page - STMicroelectronics ST75C540 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
X.6 - FORM Command
The FORM command allows the selection of the
Data Format. The Parameter syntax is as follows :
Field
Byte Pos. Value
Definition
X_SYNC
1
2..0
000*
001
010
011
100
Synchronous format
T ransmit continuous
“1”
(1)
HDLC framming
T ransmit continuous
”0”
(1)
UART
X_ANBIT
2
1..0
00
01
7 Bit per character
8 Bit per character
X_APAR
2
3..2
00
01
10
No parity
Even parity
Odd parity
X_ASTOP
2
5
0
1
1 stop bit(1)
2 stop bit(1)
Note : 1. Transmit only
X.6.1 - Synchronous Mode
The synchronous mode is the default mode, if no
FORM command is used.
The transmitter reads the bits in the DUAL Ram
Buffer DTTBFx (starting with the Bit 0 of Byte 0 of
Buffer 0) and send them over the Telephone line.
The Buffer Status Byte
DTTBSx contains the num-
ber of Data Bytes to transmit.
The Receiver write the received bits coming from the
Telephone line and write them into the DUAL Ram
Buffer
DTRBFx (startingwith the Bit 0 of the Byte 0 of
theBuffer0).TheBufferStatusByteDTRBSx contains
the number of Data Bytes received (generaly 8).
The time betweeneach IT2 interrupts(or IT3) is equal
to 64-bit if the number of Data Bytes is set to 8. The
Host has the full 64 bits time to serve the interrupt :
Bit Rate (bps)
Interrupt Time (ms)
14400
12000
9600
7200
4800
2400
1200
300
75
4.4
5.3
6.6
8.8
13.3
26.6
53.3
213.3
853.3
X.6.2 - HDLC Mode
The HDLC Format can be used for T.30 or ECM
implementations
X.6.2.1 - HDLC Transmit
TheHDLC Transmitter performsthe following tasks :
- Flag generation (7E) while in inter-frame.
- Flag generation (7E) at the begining of a frame.
- Zero insertion (after 5 consecutive “1”).
- CRC16 computation.
- CRC16 transmission at the end of a frame.
- Flag generation (7E) at the end of a frame.
- Abort frame.
- Programmable number of Starting flags.
- Programmable number of Inter frame flags.
- Programmable number of Ending flags.
The Buffer Status Byte
DTTBSx defines the frame
type, and the number of Data Bytes to transmit.
X.6.2.2 - HDLC Receive
The HDLC Receiver performs the following tasks :
- Flag recognition.
- Opening flag recognition.
- Zero deletion.
- CRC16 computation.
- CRC16 check ; error CRC16 detection.
- Closing flag recognition.
- Abort frame detection.
- Received CRC.
The BufferStatusByte DTRBSx containsthe frame
type, the number of Data Bytes and the error report
if any. The errors detected are :
- CRC16 Error : Wrong CRC received.
- Non byte-alligned frame : The number of Data bits
betweenthe beginingoftheframe andtheendof the
frame (after “zero” deletion) is not a byte- multiple.
- Aborted frame : More that 6 consecutive “1” re-
ceived.
X.6.3 - UART Mode
In the UART mode the buffers contains only one
Character to transmit or received. The worse case
of interruptrate is obtained with the lower character
bit length (7bit of data, no parity and 1 stop bit) and
is provided in the following table.
Bit Rate (bps)
Interrupt Time (ms)
14400
12000
9600
7200
4800
2400
1200
300
75
0.41
0.41
0.82
1.25
1.64
3.75
7.5
30
120
X.6.3.1 - UART Transmit
The UART Transmitter performsthe following tasks :
- Start bit generation.
- Parity Computation.
- Stop Bit generation.
- Break generation.
X.6.3.2 - UART Receive
The UART Receiver performs the following tasks :
- Start bit recognition.
- Parity Checking.
- Stop bit Checking.
- Break detection.
X - PARALLEL DATA EXCHANGE (continued)
ST75C530 - ST75C540
63/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com