Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 76Page - STMicroelectronics ST75C540 Datasheet HTML 77Page - STMicroelectronics ST75C540 Datasheet HTML 78Page - STMicroelectronics ST75C540 Datasheet HTML 79Page - STMicroelectronics ST75C540 Datasheet HTML 80Page - STMicroelectronics ST75C540 Datasheet HTML 81Page - STMicroelectronics ST75C540 Datasheet HTML 82Page - STMicroelectronics ST75C540 Datasheet HTML 83Page - STMicroelectronics ST75C540 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
XIX - APPENDIX A : MODES OF OPERATION (continued)
DUAL
RAM
INTERFACE
15
ADC
MUTE
DAC
Line
HYBRID
TxA1
TxA2
RxA
ADC
14
11
10 MIC3
8
MIC1
9
MIC2
79
SPK2
78
MUTE
77
SPK3
76
MUTE
2
SPK1
1
MUTE
[0..-30]dB
Step 3dB
DAC
ATT_LOC
ATT_TX
FAX
TRANSMITTER
DG
FAX
RECEIVER
4 TONE
DETECTORS
V.21 FLAG
DETECTOR
DG
Programmable
Attenuation
Addition
of Signals
Automatic
Gain
DTMF
DETECTOR
(V.21ch2 only)
HANDSHAKE
AND STATUS
REPORT
HDLC
Rx
HDLC
Tx
42
SINTR
SD[0..7]
Figure 51 : Fax Modem Mode (MODEM)
ECHO
CANCELLER
DUAL
RAM
INTERFACE
15
ADC
MUTE
DAC
Line
HYBRID
TxA1
TxA2
RxA
ADC
14
11
10 MIC3
8
MIC1
9
MIC2
79
SPK2
78
MUTE
77
SPK3
76
MUTE
2
SPK1
1
MUTE
[0..-30]dB
Step 3dB
DAC
ATT_LOC
ATT_TX
MODEM
TRANSMITTER
MODEM
RECEIVER
DG
Programmable
Attenuation
Addition
of Signals
Automatic
Gain
HANDSHAKE
AND STATUS
REPORT
42
SINTR
SD[0..7]
UART
HDLC
Rx
UART
HDLC
Tx
Figure 52 : Data Modem Mode (Full Duplex Modem) (ST75C540 only)
ST75C530 - ST75C540
80/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com