Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 40Page - STMicroelectronics ST75C540 Datasheet HTML 41Page - STMicroelectronics ST75C540 Datasheet HTML 42Page - STMicroelectronics ST75C540 Datasheet HTML 43Page - STMicroelectronics ST75C540 Datasheet HTML 44Page - STMicroelectronics ST75C540 Datasheet HTML 45Page - STMicroelectronics ST75C540 Datasheet HTML 46Page - STMicroelectronics ST75C540 Datasheet HTML 47Page - STMicroelectronics ST75C540 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
VIII.1.3 - CR Command
Issuing a CR command causes the ST75C530/540 to dump a specific memory location in complex mode.
This instruction is particularly useful for equalizer state analysis or for software eye-pattern display. The
report area has this meaning :
RP7
RP6
RP5
RP4
RP3
RP2
RP1
RP0
COMREP[0]
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
COMREP[1]
RP0..RP7 is the MSB part of the 16-bit value of the real part and IP0..IP7is the MSB part of the imaginary
part. The CR command insures that the real and imaginary part of the desired complex value are sampled
internally at the same time. The address given in the parameter field of CR is the address of the real part.
VIII.1.4 - MR/TDRC/TDRW/IDT/MRI/MRLO Commands
The report issued by the MR/TDRC/TDRW/IDT/MRI/MRLO commands follow the same rules as for CR.
The report meaning is :
D7
D6
D5
D4
D3
D2
D1
D0
COMREP[0]
D15
D14
D13
D12
D11
D10
D9
D8
COMREP[1]
D0..D15 is the 16-bit value requested by the command.
In the case of IDT,D15..D12 containsthe productidentification(3 for ST75C530,7 for ST75C5540), D11..D8
contains the hardware revision identification and D7..D0 contains the software revision identification.
VIII.2 - Modem Status
VIII.2.1 - Modem Status Description
The Status of ST75C530/540 is divided into 4 fields :
- The error status byte SYSERR that provides information about error. This status can trigger an IT0
interrupt,
- The general status byte STATUS[0] and STATUS[1] that contains all the modem signals. These status
bytes can trigger an IT4 interrupt,
- The quality status STAQUA, that contains the quality of the received transmission,
- The optional status bytes STAOP[0], STAOP[1], STAOP[2] and STAOP[3], that contains additional
information regarding the ST75C530/540 operating mode. This default information can be changed to
monitor any internal variables using the DOSR command.
All these informations are updated on a Baud basis :
Mode
Baud Rate
(2) (Hz)
V.32bis/V.32 (ST75C540 only)
2400
V.22bis/V.22/Bell 212A (ST75C540 only)
2400
Tone
2400
Bell 103 (full duplex)
2400
V.21 (full duplex)
2400
V.23 (full duplex)
2400
V.27ter 2400bps
1200
V.27ter 4800bps
1600
(1)
V.29
2400
V.17/V.33
2400
V.21 channel 2
2400
HANDSET, CODER or DECODER Modes
1200
Notes : 1. In this mode the tone detectors outputs are update 800 times by second.
2. This baud rate defines also, the maximum command rate. Each baud time the ST75C530/540 looks at the COMSYS location
(Address $00) to see if a command have been sent by the host processor. If the content of this location is different from zero the
ST75C530/540 execute the command.
VIII - STATUS DESCRIPTION (continued)
ST75C530 - ST75C540
44/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com