Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 47Page - STMicroelectronics ST75C540 Datasheet HTML 48Page - STMicroelectronics ST75C540 Datasheet HTML 49Page - STMicroelectronics ST75C540 Datasheet HTML 50Page - STMicroelectronics ST75C540 Datasheet HTML 51Page - STMicroelectronics ST75C540 Datasheet HTML 52Page - STMicroelectronics ST75C540 Datasheet HTML 53Page - STMicroelectronics ST75C540 Datasheet HTML 54Page - STMicroelectronics ST75C540 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
VIII.2.5.3 - Default Optional Status in DATA MODEM Mode (ST75C540 only)
While in Data Modem mode the format of the STAOP word is as follows :
Optional Status Words in MODEM Mode
Add.
Name
Bit
76
543
2
1
0
$0C
STAOP0
x
x
x
SPEED
(2)(5)
SPVAL
(1)(5)
$0D
STAOP1
STAQUAS
$0E
STAOP2
HSHK_PHA
$0F
STAOP3
TDT19
TDT18
TDT17
TDT16
Not Used
Notes : 1. SPVALis active in V.33 receiver only at the same time as the rising transition of the SCR1s signal. When SPVAL is set, it
indicates that the SPEED bits contain the Data speed information.
2. SPEED is valid in V.32bis, V.32, V.22bis, V.22, Bell 212A and V.33 receiver only with the following meaning :
Bit 4
Bit 3
Bit 2
Bit 1
Data Speed
0
0
1
0
1200bps
0
0
1
1
2400bps
0
1
0
0
4800bps
0
1
0
1
7200bps
0
1
1
0
9600bps
0
1
1
1
12000bps
1
0
0
0
14400bps
Other
Reserved
3. The STAOP2 Bit reflects the progression of the Synchronisation.
4. Only valid in V.21 Channel 2 Receive mode.
5. SPVALis active in V.32bis/V.32/V.22bis/V.22 at the end of the training sequence and at least 8 baud before entering Data mode.
SPVALand SPEED are also updated with each retrain and rate negotiation.
6. The SPAOP1 bits reflect the progression of the synchronization in Data modes.
VIII - STATUS DESCRIPTION (continued)
ST75C530 - ST75C540
51/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com