Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 9Page - STMicroelectronics ST75C540 Datasheet HTML 10Page - STMicroelectronics ST75C540 Datasheet HTML 11Page - STMicroelectronics ST75C540 Datasheet HTML 12Page - STMicroelectronics ST75C540 Datasheet HTML 13Page - STMicroelectronics ST75C540 Datasheet HTML 14Page - STMicroelectronics ST75C540 Datasheet HTML 15Page - STMicroelectronics ST75C540 Datasheet HTML 16Page - STMicroelectronics ST75C540 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
V - FUNCTIONAL DESCRIPTION
V.1 - System Architecture
The chip allows the design of a complete FAX, Data
Modem, Hands-Free Telephone and Answering
Machine system. A versatile dual port RAM allows
an easy interface with most micro-controllers.
V.2 - Modes of Operation
Refer to Appendix A for Block Diagrams.
V.3 - Operations
V.3.1 - Modem Transmitter Description
The signal pulses are shaped in a dedicated filter
further combined with a compromise transmit
equalizer suited for transmission over strongly dis-
torted lines. 3 different compromise equalizers are
available and can be selected by software.
V.3.2 - Modem Receiver Description
The receiver section handles complex signals and
uses a fractionally spaced complex equalizer. It is
able to cope with distant modem timing drifts up to
10
-4 as specified in the ITU-T recommendations.It
also compensates for frequency drift up to 10Hz
and for phase jitter at multiple and simultaneous
frequencies.
V.3.3 - Tone Generator Description
Four tones can be simultaneouslygeneratedby the
ST75C530/540. These tones are determined by
their frequenciesand by the output amplitude level.
A set of specific commands are also available for
DTMF generation. Any of the4 tonegeneratorscan
be output independently either on the Audio DAC
or the line DAC.
V.3.4 - Tone Detector Description
During TONE (respectively TONECID) Mode six-
teen (respectively eight) tones can be simultane-
ously detected by the ST75C530/540. Each of the
tones to be detected is defined by the coefficients
of a 4th order programmable IIR. Detection thresh-
olds are programmable from -51dBm up to -6dBm.
These primary detectors can detect tone up to
3.3kHz (sampling rate 7.2kHz in all modes). They
also have a programmable internal wiring feature
(see Chapter IX).
In all modes, except Handset (HANDSET) and Full
Duplex V.3 2bis/V.3 2/V.22bis/V.22 (Modem)
modes, 4 additional tone detectors (each of them
being a 4th order programmable IIR) are concur-
rently running. In Handset mode only 2 additional
tone detectors are available. Detection thresholds
are programmable from -51dBm up to -6dBm. This
secondary programmable detector can detect
tones up to 1.8kHz by default set-up with a sam-
pling rate at 4.8kHz. But this 4 additional tone
detectors can also detect tones up to 3.3kHz with
a sampling rate at 9.6kHz. In order to avoid wrong
detectgion, relative detectgion is also provided.
V.3.5 - V.21 Channel 2 Flag Detector Description
In all the Receive FAX Modes, including V.21 Chan-
nel 2 Mode, the ST75C530/540 processes a V.21
Flag “7E” detector, either in the idle state, the train
sequence or the data mode. The detection time is
3 consecutive flags to detect and 1 byte to loose
the detection.
V.3.6 - HDLC Description
In all FAX Modes (MODEM), including V.21 Chan-
ne l
2
Mo d e,
and
al s o
F u ll
D uplex
V.32bis/V.32/V.22bis/V.22 (Modem) modes, a
HDLC framing and deframing is supported by the
ST75C530/540. The number of transmitted flags
can be programmed.
V.3.7 - UART Description
In Full Duplex V.32bis/V.32/V.22bis/V.22 Modem
Modes and TONECID V.23receive mode, a parallel
UART is performed by the ST75C530/540. This
UART manage the Break signal either at the trans-
mit and the receive bit stream. The Data format
supported are 7 and 8 bit of Data; even, odd or no
Parity, 1 or 2 stop bits.
V.3.8 - DTMF Detector Description
ADTMF Detector is includedin the ST75C530/540,
it allows detection of valid DTMF Digits. A valid
DTMF Digit is defined as a dual tone with a total
power higher than -43dBm, a duration higher than
40ms and a differentialamplitude within
±8dB. This
DTMF Detector is enabled in all modes except in
Fax Modem, Data Modem and Handset modes. It
is also enabled in V.21 Channel 2 Receive Mode.
The DTMF thresholds and duration can be
changed from they default value by overwriting
DSP’s RAM locations. In the default setup, this
detector is compliant with the NET4 standard. The
frequencydeviation can be changedby overwriting
the default DTMF’s filters coefficients.
V.3.9 - Ring Detector
This detector detects RING signal from 15Hz to
68Hz, it can be programmed to expand the mini-
mum and maximum detection frequency up to
12Hz (for min) and 144Hz (for max). The detection
time is equal to one period of the ring signal, and
the loose time to the minimum between one period
of the ring signal and the inverse of the minimum
frequency.
The associated STA_RING status is as Figure 1.
ST75C530 - ST75C540
13/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com