Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 12Page - STMicroelectronics ST75C540 Datasheet HTML 13Page - STMicroelectronics ST75C540 Datasheet HTML 14Page - STMicroelectronics ST75C540 Datasheet HTML 15Page - STMicroelectronics ST75C540 Datasheet HTML 16Page - STMicroelectronics ST75C540 Datasheet HTML 17Page - STMicroelectronics ST75C540 Datasheet HTML 18Page - STMicroelectronics ST75C540 Datasheet HTML 19Page - STMicroelectronics ST75C540 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
Tx Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Gtx
Transmit Gain
_MIKGAIN=7FFF,_TXGAIN=7FFF, AGC disabled
VMIC2 = -21dBV
VMIC2 = -9dBV
18
8
dB
dB
Ntx
Transmit noise
2k
Ω between MIC2 and GND
-73
dBmp
Mmic
Microphone mute
VMIC2 = -21dBV
60
dB
VLpeak
Transmit softclipping
level on TxA1-TxA2
_MIKGAIN=7FFF,_TXGAIN=7FFF, AGC disabled
see Figure 3, VMIC2 = -9dBV
2.5
Vpp
Dtx
Transmit distortion
_MIKGAIN=7FFF,_TXGAIN=7FFF, AGC disabled
see Figure 3, VMIC2 = -9dBV
2%
Rx Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Grx
Receive Gain
_SPKGAIN=7FFF , AGC disabled, VRXA = -16 dBV
6
dB
Nrx
Receive noise
-79
dBmp
Mrx
Mute
VRXA = dBV
60
dB
Dtx
Receive distortion
(SPK2 output)
_SPKGAIN=7FFF , AGC Disabled, VRXA = -16dBV
2
%
AGC
The line current information is coming from the
D.A.A. on DP_RING pin (frequencycoded informa-
tion using by example a TS555 general purpose
timer). The AGC has a 6dB depth . The attenuation
table can be loaded to comply with each country
regulation. The default table has the following val-
ues. The value of the AGC gain is applied to both
Tx and Rx path (see Table 1).
The address of the table is given in the register
@_TABLE.
The table length is 53. The AGC is enabled using
CONF or MODC command (see paragraph ”VII -
COMMAND SET DESCRIPTION”.
Once the AGC is running, it is possible to freeze the
AGC gain with the register AGC_FRZ.
Softclipping
The softclipping introduces a 12dB gain and has a
18dB depth.
The softclipping value is half digital range
(4000 Hex) (see Figure 5).
V - FUNCTIONAL DESCRIPTION (continued)
104
103
102
10
V
MICX (mVRMS)
103
0
2
4
6
8
10
12
(mV
RMS)
D (%)
VTxA1-TxA2 (V
RMS)
Distortion
Tx Softclipping and Distortion
102
Figure 5 : Softclipping Static Gain
Table 1 : AGC Gain versus Period Information
Period (ms)
<9
10
10.8
11.6
14.5
13.3
14.1
15.5
16.6
17.5
18.3
19.1
20
>20
Table Index
<13
13
14
15
16
17
18
19
20
21
22
23
24
>24
Gain (dB)
0
0.7
1.5
2.2
3
3.4
4
4.5
4.8
5.1
5.4
5.6
5.8
6
ST75C530 - ST75C540
16/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com