Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 60Page - STMicroelectronics ST75C540 Datasheet HTML 61Page - STMicroelectronics ST75C540 Datasheet HTML 62Page - STMicroelectronics ST75C540 Datasheet HTML 63Page - STMicroelectronics ST75C540 Datasheet HTML 64Page - STMicroelectronics ST75C540 Datasheet HTML 65Page - STMicroelectronics ST75C540 Datasheet HTML 66Page - STMicroelectronics ST75C540 Datasheet HTML 67Page - STMicroelectronics ST75C540 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
FORM 3
XMIT 1
XMIT 0
XMIT 1
FORM 2
XMIT 0
STA_106
DATA
TRANSMITTED
COMMANDS :
1
0
$7E
10
1
Figure 26
XI - TRANSMITTING DATA IN PARALLEL MODE
XI.1 - Description
XI.1.1 - XMIT Command
The XMIT Command works like a CTS signal for
the Parallel Data process.
When XMIT is off, the ST75C530/540 transmits
continuous “1”. When on the ST75C530/540trans-
mits Data in accordance with the FORM command
and starts to manage the Data Buffer.
This command can be sent at any time, while in
Data Mode (see Table below).
XI.1.2 - FORM Command
The FORM Command can be sent at any time to
redefine the current format. The effect will take
place only when XMIT is on.
Here is a formal example showing the relationship
between XMIT, and FORM Commands (see Fig-
ure 26).
XI.1.3 - STOP Command
The
STOP command is used, at the end of the
transmission, to stop sending the carrier on the
telephone line.
Prior to the STOP command the user must have
stop the parallel transmition with a
XMIT off com-
mand.
When the current data buffer will be totaly transmit-
ted, and that no more buffers will be available, that
is to said both
DTTBF0 and DTTBF1 will be $00
(equivalent to an Underrun condition).
XI.1.4 - Timing
Here are regular sequences to stop properly the
transmition (see Figure 27).
Field
Byte Pos. Value
Definition
TX_START
1
0
0 *
1
(Off) Send
continuous “1”
(**).
( O n) Send Dat a
according with the
Format defined in the
FORM command.
**
The
XMITOff command takes effect only when the two Transmit
buffers are empty : DTTBF0 and DTTBF1 equal to $00.
Feed Last Buffer
XMIT 0
STOP
Feed Last Buffer
XMIT 0
STOP
DATA
TRANSMITTED
STA_106
DATA
TRANSMITTED
STA_106
(ignored until here)
(ignored until here)
$7E
CRC16
Last Buffer
Last Buffer
Case # 1 Synchronous Format
Case # 2 HDLC Format
Case # 3 UART Format
1
XMIT 0
STOP
DATA
TRANSMITTED
STA_106
(ignored until here)
Last Buffer
1
1
Figure 27
ST75C530 - ST75C540
64/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com