Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 8Page - STMicroelectronics ST75C540 Datasheet HTML 9Page - STMicroelectronics ST75C540 Datasheet HTML 10Page - STMicroelectronics ST75C540 Datasheet HTML 11Page - STMicroelectronics ST75C540 Datasheet HTML 12Page - STMicroelectronics ST75C540 Datasheet HTML 13Page - STMicroelectronics ST75C540 Datasheet HTML 14Page - STMicroelectronics ST75C540 Datasheet HTML 15Page - STMicroelectronics ST75C540 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
IV.6 - AC Electrical Characteristics
IV - ELECTRICAL SPECIFICATIONS (continued)
SCS
WRITE CYCLE
READ CYCLE
13
2
14
2
5
OUT
IN
12
11
10
67
8
9
13
14
SA[0..6]
SR/W
SDS
WR
RD
SD[0..7]
SINTR
GIO(out),
RELAY
GIO(in)
Number
Description
Min.
Typ.
Max.
Unit
1
Address and Control Set-up Time
5
ns
2
Address and Control Hold Time
20
ns
3
Write Enable Low State
45
ns
4
Read Enable Low State
45
ns
5
Access Inhibition High State
70
ns
6
Data Set-up Time
10
ns
7
Data Hold Time
5
ns
8
GIO Output, Relay, SINTR Clear Delay
50
ns
9
GIO Output Hold Time
0
ns
10
Read Data Access Time
35
ns
11
Data Valid to Tristate Time
15
ns
12
Data Hold Time
5
ns
13
GIO Input Delay Time
40
ns
14
GIO Input Hold Time
0
ns
ST75C530 - ST75C540
12/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com