Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 63Page - STMicroelectronics ST75C540 Datasheet HTML 64Page - STMicroelectronics ST75C540 Datasheet HTML 65Page - STMicroelectronics ST75C540 Datasheet HTML 66Page - STMicroelectronics ST75C540 Datasheet HTML 67Page - STMicroelectronics ST75C540 Datasheet HTML 68Page - STMicroelectronics ST75C540 Datasheet HTML 69Page - STMicroelectronics ST75C540 Datasheet HTML 70Page - STMicroelectronics ST75C540 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
XI.6 - HDLC Mode
XI.6.1 - Description
In HDLC mode the ST75C530/540 transmits the
data bytes contained into the DUAL Ram buffer
packed inside an HDLC frame. The mechanism is
as follows :
- While the Host has no frame to transmit, that is:
as
l o ng
a s
DTTBSx equals $00, t he
ST75C530/540 transmits the HDLC Flag $7E.
- When the Host wants to send some data, it feeds
the buffer with some data bytes to transmit (be-
tween 1 and 8) and set the BUFF_SFRM bit in
the
DTTBSx status buffer. At that time the
ST75C530/540 start sending data contained in
the Buffer, computin the CRC and performing
“zero intertion” if needed.
- When the host wants to send additional data
(within the same frame) it feeds the buffers just
like in synchronous mode. If an Underflow condi-
tion occurs, the ST75C530/540 will abort the
frame by sending 8 consecutive “1”, and the Host
must restart the whole parallel initialization.
- When the host wants to close a frame, it set the
BUFF_EFRM bit in the DTTBSx status buffer. At
that time the ST75C530/540 will send the con-
tents of the buffer, then send the CRC and an
HDLC closing flag $7E.
- If the Host, wants to abort a frame (while sending
a frame) it setthe
BUFF_FRAB bit in the DTTBSx
status buffer.At thattime, as soon as the last buffer
will be transmitted, the ST75C530/540 will send
8 consecutive “1” and wait for the next buffer.
XI.6.2 - Status Word Format
DTTBSx in HDLC Mode
Field
Pos. Value
Definition
BUFF_LENG 3 .. 0
0
1
2
..
8
other
Buffer empty.
1 Byte to transmit
(DTTBFx[0]).
2 Bytes to transmit
(
DTTBFx[0] and
DTTBFx[1]).
..
8 Bytes to transmit
(
DTTBFx[0 .. 7]).
Not allowed.
BUFF_SFRM
4
0
1
Data stream.
Start of frame : the buffer
is a beginning of frame.
BUFF_EFRM
5
0
1
Data stream.
End of frame : the buffer
will be followed by the
transmission of the CRC
and closing flag.
BUFF_FRAB
6
0
1
Data stream.
Abort frame :
8 consecutive “1” will be
t ransmit ted (whatever
BUFF_LENG is).
Other
7
0
Reserved, must be 0.
Notes : 1. A buffer can have
BUFF_SFRM and BUFF_EFRM set
in the same DTTBSx byte, this means that the frame
transmitted is short (between 1 and 8 Bytes long).
2. An ending frame (with
BUFF_EFRM set) must have at
least ONE byte of data to transmit.
XI - TRANSMITTING DATA IN PARALLEL MODE (continued)
TRANSMITTED
DATA
BUFF_FRAB
BUFF_SFRM
BUFF_EFRM
BUFF_LENG
(BUFF_DATA)
$7E
D0
CRC
D1
D2
D3
06
2
8
5
$7E
CRC
CRC
CRC
$7E
$7E
$7E
D0
D1
D2
D3
00
0
Figure 32
XI.6.3 - Single Short Frame (see Figure 32)
ST75C530 - ST75C540
67/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com