Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C540 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST75C540
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C540 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST75C540 Datasheet HTML 42Page - STMicroelectronics ST75C540 Datasheet HTML 43Page - STMicroelectronics ST75C540 Datasheet HTML 44Page - STMicroelectronics ST75C540 Datasheet HTML 45Page - STMicroelectronics ST75C540 Datasheet HTML 46Page - STMicroelectronics ST75C540 Datasheet HTML 47Page - STMicroelectronics ST75C540 Datasheet HTML 48Page - STMicroelectronics ST75C540 Datasheet HTML 49Page - STMicroelectronics ST75C540 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
VIII.2.3 - Modem General Status
The modem general status word is composed of two bytes STATUS[0] and STATUS[1]. Any bit change can
generate an IT4 interrupt. Using the DSIT command allows the selection of the corresponding bit that will
generate an interrupt each time they will change. The default pattern is $3F for STATUS[0] and $FF for
STATUS[1].
The different bits have the following meaning :
STATUS[0]
Field
Pos.
Meaning when set
STA_109
STA_VAD
0
In FAX MODEM and TONECID modes STA_109 : CCITT Circuit 109 (Carrier Detect). Indicates
that valid data are received.
In CODER and DECODER modes : VAD: Voice Activity Detected
STA_107
1
CCITT Circuit 107 (Data Set Ready). Valid only in FAX & DATA MODEM modes.
STA_106
2
CCITT Circuit 106 (Clear To Send). Indicates that the training sequence has been completed
and that any data in the Transmit Buffer will be transmitted. Valid only in FAX & DATA MODEM
modes.
STA_RING
3
Ring Detected. A valid ring signal is present at the Ring pin. Valid only in Tones modes. The
precise frequency can be read in the optional status byte STAOP2.
STA_CPT0
4
In TONE and TONECID modes STA_CPT0: Call progress tone detector #0. Low pass filter
650Hz.
STA_CPT1
5
In TONE and TONECID modes STA_CPT1: Call progress tone detector #1. High pass filter
600Hz.
STA_CPT10
6
In TONE and TONECID modes STA_CPT10: Signal in Filter #0 is higher than #1.
STA_109F
7
In FAX MODEM mode, V.22bis mode* and TONECID mode STA_109F: Fast Carrier Detect.
* ST75C540 only
STATUS[1]
Field
Pos.
Meaning
STA_H
0
Transmit synchronisation in progress. Valid only in FAX & DATA MODEM modes.
STA_TIM*
1
Handshake timeout. Valid only in Data Modem mode.
STA_CCITT
2
CCITT 2100Hz versus 2225Hz answer tone detect. Valid if STA_AT is set. Valid only in Tone
mode.
STA_AT
3
Answer tone (either 2100Hz or 2225Hz) detected. Valid only in Tone mode.
STA_HR
STA_RTRN*
4
STA_HR : Receive synchronisation in progress. Valid only in Fax Modem mode.
STA_RTRN : Remote retrain detec, valid only in V.32bis/V.32/V.22bis Data Modem modes.
STA_RENEG*
5
Remote rate negotiation detected, valid only in V.32bis/V.32/V.22bis Data Modem modes.
STA_FLAG
STA_CLR*
6
STA_FLAG : V.21 channel 2 flag detect. Valid only in FAX Modem mode and Tone mode.
STA_CLR : Remote clear down detected V.32bis/V.32 Data Modem modes.
STA_DTMF
7
DTMF digit detect. The digit itself is available in the optional status byte STAOP3.
* ST75C540 only
VIII - STATUS DESCRIPTION (continued)
ST75C530 - ST75C540
46/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com