Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 220 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 220 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 216Page - STMicroelectronics ST92F120JR9T Datasheet HTML 217Page - STMicroelectronics ST92F120JR9T Datasheet HTML 218Page - STMicroelectronics ST92F120JR9T Datasheet HTML 219Page - STMicroelectronics ST92F120JR9T Datasheet HTML 220Page - STMicroelectronics ST92F120JR9T Datasheet HTML 221Page - STMicroelectronics ST92F120JR9T Datasheet HTML 222Page - STMicroelectronics ST92F120JR9T Datasheet HTML 223Page - STMicroelectronics ST92F120JR9T Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 320 page
background image
220/320
SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
STATUS REGISTER (SPSR)
R242 - Read Only
Register Page: 7
Reset Value: 0000 0000 (00h)
Bit 7 = SPIF
Serial Peripheral data transfer flag.
This bit is set by hardware when a transfer has
been completed. An interrupt is generated if
SPIE=1 in the CR register. It is cleared by a soft-
ware sequence (an access to the SR register fol-
lowed by a read or write to the DR register).
0: Data transfer is in progress or has been ap-
proved by a clearing sequence.
1: Data transfer between the device and an exter-
nal device has been completed.
Note: While the SPIF bit is set, all writes to the DR
register are inhibited.
Bit 6 = WCOL
Write Collision status.
This bit is set by hardware when a write to the DR
register is done during a transmit sequence. It is
cleared by a software sequence (see Figure 103).
0: No write collision occurred
1: A write collision has been detected
Bit 5 = Unused.
Bit 4 = MODF
Mode Fault flag.
This bit is set by hardware when the SS pin is
pulled low in master mode (see Section 10.6.4.5
Master Mode Fault). An SPI interrupt can be gen-
erated if SPIE=1 in the CR register. This bit is
cleared by a software sequence (An access to the
SR register while MODF=1 followed by a write to
the CR register).
0: No master mode fault detected
1: A fault in master mode has been detected
Bits 3:0 = Unused.
PRESCALER REGISTER (SPPR)
R243 - Read/Write
Register Page: 7
Reset Value: 0000 0000 (00h)
Bit 7:5 = Reserved, forced by hardware to 0.
Bit 4 = DIV2
Divider enable.
This bit is set and cleared by software.
0: Divider by 2 enabled.
1: Divider by 2 disabled.
Bit 3 = Reserved. forced by hardware to 0.
Bit 2:0 = PRS[2:0]
Prescaler Value.
These bits are set and cleared by software. The
baud rate generator is driven by
INTCLK/(n1*n2*n3) where n1= PRS[2:0]+1, n2 is
the value of the SPR[1:0] bits, n3 = 1 if DIV2=1
and n3= 2 if DIV2=0. Refer to Figure 100.
These bits have no effect in slave mode.
Table 42. Prescaler Baud Rate
70
SPIF
WCOL
-
MODF
-
-
-
-
70
0
0
0
DIV2
0
PRS2
PRS1
PRS0
Prescaler
Division Factor
PRS2
PRS1
PRS0
1 (no division)
0
0
0
20
0
1
...
81
1
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com