Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 224 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 224 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 220Page - STMicroelectronics ST92F120JR9T Datasheet HTML 221Page - STMicroelectronics ST92F120JR9T Datasheet HTML 222Page - STMicroelectronics ST92F120JR9T Datasheet HTML 223Page - STMicroelectronics ST92F120JR9T Datasheet HTML 224Page - STMicroelectronics ST92F120JR9T Datasheet HTML 225Page - STMicroelectronics ST92F120JR9T Datasheet HTML 226Page - STMicroelectronics ST92F120JR9T Datasheet HTML 227Page - STMicroelectronics ST92F120JR9T Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 320 page
background image
224/320
I2C BUS INTERFACE
I2C INTERFACE (Cont’d)
Figure 106. I2C BUS Protocol
Any transfer can be done using either the I2C
registers directly or via the DMA.
If the transfer is to be done directly on I2C, the
interface waits (by holding the SCL line low) for
software to write in the Data Register before
transmission of a data byte, or to read the Data
Register after a data byte is received.
If the transfer is to be done via DMA, the interface
sends a request for a DMA transfer. Then it waits
for the DMA to complete. The transfer between the
interface and the I2C bus will begin on the next
rising edge of the SCL clock.
The SCL frequency (Fscl) generated in master
mode is controlled by a programmable clock divid-
er. The speed of the I2C interface may be selected
between Standard (0-100KHz) and Fast (100-
400KHz) I2C modes.
10.7.4 I
2C State Machine
To enable the interface in I2C mode the I2CCR.PE
bit must be set twice as the first write only acti-
vates the interface (only the PE bit is set); and the
bit7 of I2CCR register must be cleared.
The I2C interface always operates in slave mode
(the M/SL bit is cleared) except when it initiates a
transmission or a receipt sequencing (master
mode).
The multimaster function is enabled with an auto-
matic switch from master mode to slave mode
when the interface loses the arbitration of the I2C
bus.
10.7.4.1 I2C Slave Mode
As soon as a start condition is detected, the
address word is received from the SDA line and
sent to the shift register; then it is compared with
the address of the interface or the General Call
address (if selected by software).
Note: In 10-bit addressing mode, the comparison
includes the header sequence (11110xx0) and the
two most significant bits of the address.
s
Header (10-bit mode) or Address (both 10-bit
and 7-bit modes) not matched: the state
machine is reset and waits for another Start
condition.
s
Header matched (10-bit mode only): the
interface generates an acknowledge pulse if the
ACK bit of the control register (I2CCR) is set.
s
Address matched: the I2CSR1.ADSL bit is set
and an acknowledge bit is sent to the master if
the I2CCR.ACK bit is set. An interrupt is sent to
the microcontroller if the I2CCR.ITE bit is
set.Then it waits for the microcontroller to read
the I2CSR1 register by holding the SCL line
low (see Figure 107 Transfer sequencing EV1).
SCL
SDA
12
8
9
MSB
ACK
STOP
START
CONDITION
CONDITION
VR02119B
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com