Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 232 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 232 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 228Page - STMicroelectronics ST92F120JR9T Datasheet HTML 229Page - STMicroelectronics ST92F120JR9T Datasheet HTML 230Page - STMicroelectronics ST92F120JR9T Datasheet HTML 231Page - STMicroelectronics ST92F120JR9T Datasheet HTML 232Page - STMicroelectronics ST92F120JR9T Datasheet HTML 233Page - STMicroelectronics ST92F120JR9T Datasheet HTML 234Page - STMicroelectronics ST92F120JR9T Datasheet HTML 235Page - STMicroelectronics ST92F120JR9T Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 320 page
background image
232/320
I2C BUS INTERFACE
I2C INTERFACE (Cont’d)
10.7.7 Register Description
IMPORTANT:
1. To guarantee correct operation, before enabling
the peripheral (while I2CCR.PE=0), configure bit7
and bit6 of the I2COAR2 register according to the
internal clock INTCLK (for example 11xxxxxxb in
the range 14 - 30 MHz).
2. Bit7 of the I2CCR register must be cleared.
I2C CONTROL REGISTER (I2CCR)
R240 - Read / Write
Register Page: 20
Reset Value: 0000 0000 (00h)
Bit 7:6 = Reserved
Must be cleared
Bit 5 = PE
Peripheral Enable.
This bit is set and cleared by software.
0: Peripheral disabled (reset value)
1: Master/Slave capability
Notes:
– When I2CCR.PE=0, all the bits of the I2CCR
register and the I2CSR1-I2CSR2 registers ex-
cept the STOP bit are reset. All outputs will be re-
leased while I2CCR.PE=0
– When I2CCR.PE=1, the corresponding I/O pins
are selected by hardware as alternate functions
(open drain).
– To enable the I2C interface, write the I2CCR reg-
ister TWICE with I2CCR.PE=1 as the first write
only activates the interface (only I2CCR.PE is
set).
– When PE=1, the FREQ[2:0] and EN10BIT bits in
the I2COAR2 and I2CADR registers cannot be
written. The value of these bits can be changed
only when PE=0.
Bit 4 = ENGC
General Call address enable.
Setting this bit the peripheral works as a slave and
the value stored in the I2CADR register is recog-
nized as device address.
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disa-
bled (I2CCR.PE=0).
0: The address stored in the I2CADR register is
ignored (reset value)
1: The General Call address stored in the I2CADR
register will be acknowledged
Note: The correct value (usually 00h) must be
written in the I2CADR register before enabling the
General Call feature.
Bit 3 = START
Generation of a Start condition.
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disa-
bled (I2CCR.PE=0) or when the Start condition is
sent (with interrupt generation if ITE=1).
– In master mode:
0: No start generation
1: Repeated start generation
– In slave mode:
0: No start generation (reset value)
1: Start generation when the bus is free
Bit 2 = ACK
Acknowledge enable.
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disa-
bled (I2CCR.PE=0).
0: No acknowledge returned (reset value)
1: Acknowledge returned after an address byte or
a data byte is received
Bit 1 = STOP
Generation of a Stop condition.
This bit is set and cleared by software. It is also
cleared by hardware in master mode. It is not
cleared
when
the
interface
is
disabled
(I2CCR.PE=0). In slave mode, this bit must be set
only when I2CSR1.BTF=1.
– In master mode:
0: No stop generation
1: Stop generation after the current byte transfer
or after the current Start condition is sent. The
STOP bit is cleared by hardware when the Stop
condition is sent.
– In slave mode:
0: No stop generation (reset value)
1: Release SCL and SDA lines after the current
byte transfer (I2CSR1.BTF=1). In this mode the
STOP bit has to be cleared by software.
70
0
0
PE
ENGC
START ACK STOP ITE
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com