Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 235 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 235 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 231Page - STMicroelectronics ST92F120JR9T Datasheet HTML 232Page - STMicroelectronics ST92F120JR9T Datasheet HTML 233Page - STMicroelectronics ST92F120JR9T Datasheet HTML 234Page - STMicroelectronics ST92F120JR9T Datasheet HTML 235Page - STMicroelectronics ST92F120JR9T Datasheet HTML 236Page - STMicroelectronics ST92F120JR9T Datasheet HTML 237Page - STMicroelectronics ST92F120JR9T Datasheet HTML 238Page - STMicroelectronics ST92F120JR9T Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 320 page
background image
235/320
I2C BUS INTERFACE
I2C INTERFACE (Cont’d)
I
2C STATUS REGISTER 2 (I2CSR2)
R242 - Read Only
Register Page: 20
Reset Value: 0000 0000 (00h)
Note: Some bits of this register are reset by a read
operation of the register. Care must be taken when
using instructions that work on single bit. Some of
them perform a read of all the bits of the register
before modifying or testing the wanted bit. So oth-
er bits of the register could be affected by the op-
eration.
In the same way, the test/compare operations per-
form a read operation.
Moreover, if some interrupt events occur while the
register is read, the corresponding flags are set,
and correctly read, but if the read operation resets
the flags, no interrupt request occurs.
Bit 7:6 = Reserved. Forced to 0 by hardware.
Bit 5 = ADDTX
Address or 2nd header transmitted
in Master mode.
This bit is set by hardware when the peripheral,
enabled in Master mode, has received the ac-
knowledge relative to:
– Address byte in 7-bit mode
– Address or 2nd header byte in 10-bit mode.
0: No address or 2nd header byte transmitted
1: Address or 2nd header byte transmitted.
Bit 4 = AF
Acknowledge Failure.
This bit is set by hardware when no acknowledge
is returned. An interrupt is generated if ITE=1.
It is cleared by software reading I2CSR2 register
after the falling edge of the acknowledge SCL
pulse, or by hardware when the interface is disa-
bled (I2CCR.PE=0).
The SCL line is not held low while AF=1.
0: No acknowledge failure detected
1: A data or address byte was not acknowledged
Bit 3 = STOPF
Stop Detection (Slave mode).
This bit is set by hardware when a Stop condition
is detected on the bus after an acknowledge. An
interrupt is generated if ITE=1.
It is cleared by software reading I2CSR2 register
or by hardware when the interface is disabled
(I2CCR.PE=0).
The SCL line is not held low while STOPF=1.
0: No Stop condition detected
1: Stop condition detected (while slave receiver)
Bit 2 = ARLO
Arbitration Lost.
This bit is set by hardware when the interface (in
master mode) loses the arbitration of the bus to
another master. An interrupt is generated if ITE=1.
It is cleared by software reading I2CSR2 register
or by hardware when the interface is disabled
(I2CCR.PE=0).
After an ARLO event the interface switches back
automatically to Slave mode (M/SL=0).
The SCL line is not held low while ARLO=1.
0: No arbitration lost detected
1: Arbitration lost detected
Bit 1 = BERR
Bus Error.
This bit is set by hardware when the interface de-
tects a Start or Stop condition during a byte trans-
fer. An interrupt is generated if ITE=1.
It is cleared by software reading I2CSR2 register
or by hardware when the interface is disabled
(I2CCR.PE=0).
The SCL line is not held low while BERR=1.
Note: If a misplaced start condition is detected,
also the ARLO flag is set; moreover, if a misplaced
stop condition is placed on the acknowledge SCL
pulse, also the AF flag is set.
0: No Start or Stop condition detected during byte
transfer
1: Start or Stop condition detected during byte
transfer
Bit 0 = GCAL
General Call address matched.
This bit is set by hardware after an address
matches with the value stored in the I2CADR reg-
ister while ENGC=1. In the I2CADR the General
Call address must be placed before enabling the
peripheral.
It is cleared by hardware after the detection of a
Stop condition, or when the peripheral is disabled
(I2CCR.PE=0).
0: No match
1: General Call address matched.
70
0
0
ADDTX
AF
STOPF ARLO
BERR
GCAL
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com