Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 237 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 237 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 233Page - STMicroelectronics ST92F120JR9T Datasheet HTML 234Page - STMicroelectronics ST92F120JR9T Datasheet HTML 235Page - STMicroelectronics ST92F120JR9T Datasheet HTML 236Page - STMicroelectronics ST92F120JR9T Datasheet HTML 237Page - STMicroelectronics ST92F120JR9T Datasheet HTML 238Page - STMicroelectronics ST92F120JR9T Datasheet HTML 239Page - STMicroelectronics ST92F120JR9T Datasheet HTML 240Page - STMicroelectronics ST92F120JR9T Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 320 page
background image
237/320
I2C BUS INTERFACE
I2C INTERFACE (Cont’d)
I
2C OWN ADDRESS REGISTER 2 (I2COAR2)
R245 - Read / Write
Register Page: 20
Reset Value: 0000 0000 (00h)
Bit 7:6,4 = FREQ[2:0]
Frequency bits.
IMPORTANT: To guarantee correct operation,
set these bits before enabling the interface
(while I2CCR.PE=0).
These bits can be set only when the interface is
disabled (I2CCR.PE=0). To configure the interface
to I
2C specified delays, select the value corre-
sponding to the microcontroller internal frequency
INTCLK.
Note: If an incorrect value, with respect to the
MCU internal frequency, is written in these bits,
the timings of the peripheral will not meet the I2C
bus standard requirements.
Note: The FREQ[2:0] = 101, 110, 111 configura-
tions must not be used.
Bit 5 = EN10BIT
Enable 10-bit I2Cbus mode.
When this bit is set, the 10-bit I2Cbus mode is en-
abled.
This bit can be written only when the peripheral is
disabled (I2CCR.PE=0).
0: 7-bit mode selected
1: 10-bit mode selected
Bit 4:3 = Reserved.
Bit 2:1 = ADD[9:8]
Interface address.
These are the most significant bits of the I2Cbus
address of the interface (10-bit mode only). They
are not cleared when the interface is disabled
(I2CCR.PE=0).
Bit 0 = Reserved.
I2C DATA REGISTER (I2CDR)
R246 - Read / Write
Register Page: 20
Reset Value: 0000 0000 (00h)
Bit 7:0 = DR[7:0]
I2C Data.
– In transmitter mode:
I2CDR contains the next byte of data to be trans-
mitted. The byte transmission begins after the
microcontroller has written in I2CDR or on the
next rising edge of the clock if DMA is complete.
– In receiver mode:
I2CDR contains the last byte of data received.
The next byte receipt begins after the I2CDR
read by the microcontroller or on the next rising
edge of the clock if DMA is complete.
GENERAL CALL ADDRESS (I2CADR)
R247 - Read / Write
Register Page: 20
Reset Value: 1010 0000 (A0h)
Bit 7:0 = ADR[7:0]
Interface address.
These bits define the I2Cbus General Call address
of the interface. It must be written with the correct
value depending on the use of the peripheral.If the
peripheral is used in I2C bus mode, the 00h value
must be loaded as General Call address.
The customer could load the register with other
values.
The bits can be written only when the peripheral is
disabled (I2CCR.PE=0)
The ADR0 bit is don’t care; the interface acknowl-
edges either 0 or 1.
Note: Address 01h is always ignored.
70
FREQ1 FREQ0 EN10BIT FREQ2
0
ADD9
ADD8
0
INTCLK
Range
(MHz)
FREQ2
FREQ1
FREQ0
2.5 - 6
000
6- 10
0
0
1
10- 14
010
14 - 30
011
30 - 50
100
70
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
70
ADR7 ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com