Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 241 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 241 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 237Page - STMicroelectronics ST92F120JR9T Datasheet HTML 238Page - STMicroelectronics ST92F120JR9T Datasheet HTML 239Page - STMicroelectronics ST92F120JR9T Datasheet HTML 240Page - STMicroelectronics ST92F120JR9T Datasheet HTML 241Page - STMicroelectronics ST92F120JR9T Datasheet HTML 242Page - STMicroelectronics ST92F120JR9T Datasheet HTML 243Page - STMicroelectronics ST92F120JR9T Datasheet HTML 244Page - STMicroelectronics ST92F120JR9T Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 320 page
background image
241/320
I2C BUS INTERFACE
I2C INTERFACE (Cont’d)
INTERRUPT MASK REGISTER (I2CIMR)
R255 - Read / Write
Register Page: 20
Reset Value: 00xx 0000 (x0h)
Bit 7 = RXDM
Receiver DMA Mask.
0: DMA reception disable.
1: DMA reception enable
RXDM is reset by hardware when the transaction
counter value decrements to zero, that is when a
Receiver End Of Block interrupt is issued.
Bit 6 = TXDM
Transmitter DMA Mask.
0: DMA transmission disable.
1: DMA transmission enable.
TXDM is reset by hardware when the transaction
counter value decrements to zero, that is when a
Transmitter End Of Block interrupt is issued.
Bit 5 = REOBP
Receiver DMA End Of Block Flag.
REOBP should be reset by software in order to
avoid undesired interrupt routines, especially in in-
itialization routine (after reset) and after entering
the End Of Block interrupt routine.Writing “0” in
this bit will cancel the interrupt request
Note: REOBP can only be written to “0”.
0: End of block not reached.
1: End of data block in DMA receiver detected
Bit 4 = TEOBP
Transmitter DMA End Of Block TE-
OBP should be reset by software in order to avoid
undesired interrupt routines, especially in initializa-
tion routine (after reset) and after entering the End
Of Block interrupt routine.Writing “0” will cancel the
interrupt request.
Note: TEOBP can only be written to “0”.
0: End of block not reached
1: End of data block in DMA transmitter detected.
Bit 3 = Reserved. This bit must be cleared.
Bit 2 = IERRM
Error Condition interrupt mask bit.
This bit enables/ disables the Error interrupt.
0: Error interrupt disabled.
1: Error Interrupt enabled.
Bit 1 = IRXM
Data Received interrupt mask bit.
This bit enables/ disables the Data Received and
Receive DMA End of Block interrupts.
0: Interrupts disabled
1: Interrupts enabled
Note: This bit has no effect on DMA transfer
Bit 0 = ITXM
Peripheral Ready To Transmit inter-
rupt mask bit.
This bit enables/ disables the Peripheral Ready To
Transmit and Transmit DMA End of Block inter-
rupts.
0: Interrupts disabled
1: Interrupts enabled
Note: This bit has no effect on DMA transfer.
70
RXD
M
TXD
M
REOBP TEOBP
0
IERR
M
IRX
M
ITX
M
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com