Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 240 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 240 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 236Page - STMicroelectronics ST92F120JR9T Datasheet HTML 237Page - STMicroelectronics ST92F120JR9T Datasheet HTML 238Page - STMicroelectronics ST92F120JR9T Datasheet HTML 239Page - STMicroelectronics ST92F120JR9T Datasheet HTML 240Page - STMicroelectronics ST92F120JR9T Datasheet HTML 241Page - STMicroelectronics ST92F120JR9T Datasheet HTML 242Page - STMicroelectronics ST92F120JR9T Datasheet HTML 243Page - STMicroelectronics ST92F120JR9T Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 320 page
background image
240/320
I2C BUS INTERFACE
I2C INTERFACE (Cont’d)
TRANSMITTER
DMA
SOURCE
ADDRESS
POINTER REGISTER (I2CTDAP)
R252 - Read / Write
Register Page: 20
Reset Value: Undefined
Bit 7:1= TA[7:1]
Transmit DMA Address Pointer.
I2CTDAP contains the address of the pointer (in
the Register File) of the Transmitter DMA data
source when the DMA between the peripheral and
the Memory Space is selected. Otherwise (DMA
between the peripheral and Register file), this reg-
ister has no meaning.
See Section 10.7.6.2 for more details on the use
of this register.
Bit 0 = TPS
Transmitter DMA Memory Pointer Se-
lector.
If memory has been selected for DMA transfer
(DDCTDC.RF/MEM = 0) then:
0: Select ISR register for transmitter DMA transfer
address extension.
1: Select DMASR register for transmitter DMA
transfer address extension.
TRANSMITTER DMA TRANSACTION COUN-
TER REGISTER (I2CTDC)
R253 - Read / Write
Register Page: 20
Reset Value: Undefined
Bit 7:1 = TC[7:1]
Transmit DMA Counter Pointer.
I2CTDC contains the address of the pointer (in the
Register File) of the DMA transmitter transaction
counter when the DMA between Peripheral and
Memory Space is selected. Otherwise, if the DMA
between Peripheral and Register File is selected,
this register points to a pair of registers that are
used as DMA Address register and DMA Transac-
tion Counter.
See Section 10.7.6.1 and Section 10.7.6.2
for
more details on the use of this register.
Bit 0 = RF/MEM
Transmitter Register File/ Memo-
ry Selector.
0: DMA from Memory
1: DMA from Register file
EXTENDED CLOCK CONTROL REGISTER
(I2CECCR)
R254 - Read / Write
Register Page: 20
Reset Value: 0000 0000 (00h)
Bit 7:2 = Reserved. Must always be cleared.
Bit 1:0 = CC[8:7]
9-bit divider programming
Implementation of a programmable clock divider.
These bits and the CC[6:0] bits of the I2CCCR reg-
ister select the speed of the bus (FSCL).
For a description of the use of these bits, see the
I2CCCR register.
They are not cleared when the interface is disa-
bled (I2CCCR.PE=0).
70
TA7
TA6
TA5
TA4
TA3
TA2
TA1
TPS
70
TC7
TC6
TC5
TC4
TC3
TC2
TC1 RF/MEM
70
0
0
0
000
CC8 CC7
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com