Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 271 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 271 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 267Page - STMicroelectronics ST92F120JR9T Datasheet HTML 268Page - STMicroelectronics ST92F120JR9T Datasheet HTML 269Page - STMicroelectronics ST92F120JR9T Datasheet HTML 270Page - STMicroelectronics ST92F120JR9T Datasheet HTML 271Page - STMicroelectronics ST92F120JR9T Datasheet HTML 272Page - STMicroelectronics ST92F120JR9T Datasheet HTML 273Page - STMicroelectronics ST92F120JR9T Datasheet HTML 274Page - STMicroelectronics ST92F120JR9T Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 320 page
background image
271/320
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
JBLPD SYSTEM FREQUENCY SELECTION
REGISTER (CLKSEL)
R244- Read/Write
Register Page: 23
Reset Value: 0000 0000 (00h)
Bit 7 = 4X
Diagnostic Four Times Mode.
This bit is set when the J1850 clock rate is chosen
four times faster than the standard requests, to
force the BREAK symbol (nominally 300
µs long)
and the Transmitter Timeout Time (nominally 1
ms) at their nominal durations.
When the user want to use a 4 times faster J1850
clock rate, the new prescaler factor should be
stored in the FREQ[5:0] bits and the 4X bit must be
set with the same instruction. In the same way, to
exit from the mode, FREQ[5:0] and 4X bits must
be placed at the previous value with the same in-
struction.
0: Diagnostic Four Times Mode disabled
1: Diagnostic Four Times Mode enabled
Note: Setting this bit, the prescaler factor is not au-
tomatically divided by four. The user must adapt
the value stored in FREQ[5:0] bits by software.
Note: The customer should take care using this
mode when the MCU internal frequency is less
than 4MHz.
Bit 6 = Reserved.
Bit 5:0 = FREQ[5:0]
Internal Frequency Selectors.
These 6 bits must be programmed depending on
the internal frequency of the device. The formula
that must be used is the following one:
MCU Int. Freq.= 1MHz * (FREQ[5:0] + 1).
Note: To obtain a correct operation of the periph-
eral, the internal frequency of the MCU (INTCLK)
must be an integer multiple of 1MHz and the cor-
rect value must be written in the register. So an in-
ternal frequency less than 1MHz is not allowed.
Note: If the MCU internal clock frequency is lower
than 1MHz, the peripheral is not able to work cor-
rectly. If a frequency lower than 1MHz is used, the
user program must disable the peripheral.
Note: When the clock prescaler factor or the MCU
internal frequency is changed, the peripheral could
lose the synchronization with the J1850 bus.
JBLPD CONTROL REGISTER (CONTROL)
R245- Read/Write
Register Page: 23
Reset Value: 0100 0000 (40h)
The CONTROL register is an eight bit read/write
register which contains JBLPD control information.
Reads of this register return the last written data.
Bit 7 = JE
JBLPD Enable.
The JBLPD block enable bit (JE) enables and dis-
ables the transmitter and receiver to the VPWO
and VPWI pins respectively. When the JBLPD pe-
ripheral is disabled the VPWO pin is in its passive
state and information coming in the VPWI pin is ig-
nored. When the JBLPD block is enabled, the
transmitter and receiver function normally. Note
that queued transmits are aborted when JE is
cleared. JE is cleared on reset, by software and
setting the JDIS bit.
0: The peripheral is disabled
1: The peripheral is enabled
Note: It is not possible to reset the JDIS bit and to
set the JE bit with the same instruction. The cor-
rect sequence is to first reset the JDIS bit and then
set the JE bit with another instruction.
70
4X
-
FREQ5 FREQ4 FREQ3
FREQ2
FREQ1 FREQ0
70
JE
JDIS
NFL
JDLY4 JDLY3 JDLY2 JDLY1 JDLY0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com