Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 274 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 274 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 270Page - STMicroelectronics ST92F120JR9T Datasheet HTML 271Page - STMicroelectronics ST92F120JR9T Datasheet HTML 272Page - STMicroelectronics ST92F120JR9T Datasheet HTML 273Page - STMicroelectronics ST92F120JR9T Datasheet HTML 274Page - STMicroelectronics ST92F120JR9T Datasheet HTML 275Page - STMicroelectronics ST92F120JR9T Datasheet HTML 276Page - STMicroelectronics ST92F120JR9T Datasheet HTML 277Page - STMicroelectronics ST92F120JR9T Datasheet HTML 278Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 320 page
background image
274/320
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
Bit 5 = RDOF
Receiver Data Overflow
The RDOF gets set to a logic one if the data in the
RXDATA register has not been read and new data
is ready to be transferred to the RXDATA register.
The old RXDATA information is lost since it is
overwritten with new data.
RDOF is cleared by reading the ERROR register
with RDOF set, while the CONTROL.JE bit is reset
or while the CONTROL.JDIS bit is set, or on reset.
0: No receiver data overflow condition occurred
1: Receiver data overflow condition occurred
Bit 4 = TRA
Transmit Request Aborted
The TRA gets set to a logic one if a transmit op-
code is aborted by the JBLPD state machine.
Many conditions may cause a TRA. They are ex-
plained in the transmit opcode section. If the TRA
bit gets set after a TXOP write, then a transmit is
not attempted, and the TRDY bit is not cleared.
If a TRA error condition occurs, then the requested
transmit is aborted, and the JBLPD peripheral
takes appropriate measures as described under
the TXOP register section.
TRA is cleared on reset, while the CONTROL.JE
bit is reset or while the CONTROL.JDIS bit is set.
0: No transmission request aborted
1: Transmission request aborted
Bit 3 = RBRK
Received Break Symbol Flag
The RBRK gets set to a logic one if a valid break
(BRK) symbol is detected from the filtered VPWI
pin. A Break received from the J1850 bus will can-
cel queued transmits of all types. The RBRK bit re-
mains set as long as the break character is detect-
ed from the VPWI. Reads of the ERROR register
will not clear the RBRK bit as long as a break char-
acter is being received. Once the break character
is gone, a final read of the ERROR register clears
this bit.
An RBRK error occurs once for a frame if it is re-
ceived during a frame. Afterwards, the receiver is
disabled from receiving information (other than the
break) until an EOFM symbol is received.
RBRK bit is cleared on reset, while the CON-
TROL.JE bit is reset or while the CONTROL.JDIS
bit is set.
The RBRK bit can be used to detect J1850 bus
shorted high conditions. If RBRK is read as a logic
high multiple times before an EOFM occurs, then a
possible bus shorted high condition exists. The
user program can take appropriate measures to
test the bus if this condition occurs. Note that this
bit does not necessarily clear when ERROR is
read.
0: No valid Break symbol received
1: Valid Break symbol received
Bit 2 = CRCE
Cyclic Redundancy Check Error
The receiver section always keeps a running tab of
the CRC of all data bytes received from the VPWl
since the last EOD symbol. The CRC check is per-
formed when a valid EOD symbol is received both
after a message string (subsequent to an SOF
symbol) and after an IFR3 string (subsequent to
an NB0 symbol). If the received CRC check fails,
then the CRCE bit is set to a logic one. CRC errors
are inhibited if the JBLPD peripheral is in the
“sleep or filter and NOT presently transmitting”
mode. A CRC error occurs once for a frame. After-
wards, the receiver is disabled until an EOFM
symbol is received and queued transmits for the
present frame are cancelled (but the TRA bit is not
set). CRCE is cleared when ERROR is read. It is
also cleared while the CONTROL.JE bit is reset or
while the CONTROL.JDIS bit is set, or on reset.
0: No CRC error detected
1: CRC error detected
Bit 1 = IFD
Invalid Frame Detect
The IFD bit gets set when the following conditions
are detected from the filtered VPWI pin:
– An SOF symbol is received after an EOD mini-
mum, but before an EOF minimum.
– An SOF symbol is received when expecting data
bits.
– If NFL = 0 and a message frame greater than 12
bytes (i.e. 12 bytes plus one bit) has been re-
ceived in one frame.
– An EOD minimum time has elapsed when data
bits are expected.
– A logic 0 or 1 symbol is received (active for Tv1
or Tv2) when an SOF was expected.
– The second EODM symbol received in a frame
is NOT followed directly by an EOFM symbol.
IFD errors are inhibited if the JBLPD peripheral is
in the “sleep or filter and NOT presently transmit-
ting” mode. An IFD error occurs once for a frame.
Afterwards, the receiver is disabled until an EOFM
symbol is received, and queued transmits for the
present frame are cancelled (but the TRA bit is not
set). IFD is cleared when ERROR is read. It is also
cleared while the CONTROL.JE bit is reset or
while the CONTROL.JDIS bit is set or on reset.
0: No invalid frame detected
1: Invalid frame detected
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com