Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 304 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 304 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 300Page - STMicroelectronics ST92F120JR9T Datasheet HTML 301Page - STMicroelectronics ST92F120JR9T Datasheet HTML 302Page - STMicroelectronics ST92F120JR9T Datasheet HTML 303Page - STMicroelectronics ST92F120JR9T Datasheet HTML 304Page - STMicroelectronics ST92F120JR9T Datasheet HTML 305Page - STMicroelectronics ST92F120JR9T Datasheet HTML 306Page - STMicroelectronics ST92F120JR9T Datasheet HTML 307Page - STMicroelectronics ST92F120JR9T Datasheet HTML 308Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 320 page
background image
304/320
ST92F120 - ELECTRICAL CHARACTERISTICS
STANDARD TIMER TIMING TABLE
(VDD =5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, Push-pull output configuration,
unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period,
standard timer prescaler and counter programmed values.
The value in the right hand two columns show the timing minimum and maximum for an internal clock (INTCLK) at 24MHz, with minimum and
maximum prescaler value and minimum and maximum counter value.
Measurement points are VOH or VIH for positive pulses and VOL or VIL for negative pulses.
(1) Formula guaranteed by design.
(2) On this product STIN is not available as Alternate Function but it is internally connected to a precise clock source directly derived from OSCIN.
Refer to RCCU chapter for details about clock distribution.
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
2 x OSCIN period when OSCIN is divided by 2;
OSCIN period x PLL factor when the PLL is enabled.
Psc = Standard Timer Prescaler Register content (STP): from 0 to 255
Cnt = Standard Timer Couter Registers content (STH,STL ): from 0 to 65535
TSTIN = Standard Timer Input signal period (STIN ).
STANDARD TIMER TIMING
N
°
Symbol
Parameter
Value
Unit
Formula (1)
Min
Max
1
TwSTOL
STOUT Low Pulse Width
4 x (Psc+1) x (Cnt+1) x Tck
167
2.8
ns
s
(Psc+1) x (Cnt+1) x TSTIN
with TSTIN ≥ 8x Tck
(2)
(2)
ns
2
TwSTOH
STOUT High Pulse Width
4 x (Psc+1) x (Cnt+1) x Tck
167
2.8
ns
s
(Psc+1) x (Cnt+1) x TSTIN
with TSTIN ≥ 8x Tck
(2)
(2)
ns
3
TwSTIL
STIN High Pulse Width
≥ 4 x Tck
(2)
(2)
ns
4
TwSTIH
STIN Low Pulse Width
≥ 4 x Tck
(2)
(2)
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com