Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 306 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 306 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 302Page - STMicroelectronics ST92F120JR9T Datasheet HTML 303Page - STMicroelectronics ST92F120JR9T Datasheet HTML 304Page - STMicroelectronics ST92F120JR9T Datasheet HTML 305Page - STMicroelectronics ST92F120JR9T Datasheet HTML 306Page - STMicroelectronics ST92F120JR9T Datasheet HTML 307Page - STMicroelectronics ST92F120JR9T Datasheet HTML 308Page - STMicroelectronics ST92F120JR9T Datasheet HTML 309Page - STMicroelectronics ST92F120JR9T Datasheet HTML 310Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 320 page
background image
306/320
ST92F120 - ELECTRICAL CHARACTERISTICS
MULTIFUNCTION TIMER EXTERNAL TIMING TABLE
(VDD =5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period,
standard timer prescaler and counter programmed values.
The value in the right hand two columns show the timing minimum and maximum for an internal clock (INTCLK) at 24MHz.
(1) n = 1 if the input is rising OR falling edge sensitive
n = 3 if the input is rising AND falling edge sensitive
(2) In Autodiscrimination mode
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
2 x OSCIN period when OSCIN is divided by 2;
OSCIN period x PLL factor when the PLL is enabled.
MULTIFUNCTION TIMER EXTERNAL TIMING
N
° Symbol
Parameter
Value
Unit
Note
Formula
Min
Max
1TwCTW
External clock/trigger pulse width
n x Tck
n x 42
-
ns
(1)
2TwCTD
External clock/trigger pulse distance
n x Tck
n x 42
-
ns
(1)
3TwAED
Distance between two active edges
3 x Tck
125
-
ns
4TwGW
Gate pulse width
6 x Tck
250
-
ns
5TwLBA
Distance between TINB pulse edge and the fol-
lowing TINA pulse edge
Tck
42
-
ns
(2)
6TwLAB
Distance between TINA pulse edge and the fol-
lowing TINB pulse edge
0-
ns
(2)
7TwAD
Distance between two TxINA pulses
0
-
ns
(2)
8TwOWD
Minimum output pulse width/distance
3 x Tck
125
-
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com