Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 317 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 317 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 312Page - STMicroelectronics ST92F120JR9T Datasheet HTML 313Page - STMicroelectronics ST92F120JR9T Datasheet HTML 314Page - STMicroelectronics ST92F120JR9T Datasheet HTML 315Page - STMicroelectronics ST92F120JR9T Datasheet HTML 316Page - STMicroelectronics ST92F120JR9T Datasheet HTML 317Page - STMicroelectronics ST92F120JR9T Datasheet HTML 318Page - STMicroelectronics ST92F120JR9T Datasheet HTML 319Page - STMicroelectronics ST92F120JR9T Datasheet HTML 320Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 317 / 320 page
background image
317/320
ST92F120 - ELECTRICAL CHARACTERISTICS
A/D ANALOG SPECIFICATIONS
(VDD =5V ± 10%, TA = –40°C to +105°C, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) “1LSBideal” has a value of AVDD/256
(2) Including sample time
(3) This is the internal series resistance before the sampling capacitor
(4) This is a typical expected value, but not a tested production parameter.
If V(i) is the value of the i-th transition level (0
≤ i ≤ 254), the performance of the A/D converter has been evaluated as follows:
OFFS ET ERROR= deviation between the actual V(0) and the ideal V(0) (=1/2 LSB)
GAIN ERROR= deviation between the actual V(254) and the ideal V(254) - V(0) (ideal V(254)=AVDD-3/2 LSB)
DNL ERROR= max {[V(i) - V(i-1)]/LSB - 1}
INL ERROR= max {[V(i) - V(0)]/LSB - i}
ABS. ACCURA CY= overall max conversion error
(5) Simulated value, to be confirmed by characterisation.
(6) The specified values are guaranteed only if an overload condition occurs on a maximum of 2 non-selected analog input pins and the
absolute sum of input overload currents on all analog input pins does not exceed
±10 mA.
Parameter
Typical
Minimum
Maximum
Units (1)
Notes
Conversion time
138
INTCLK
(2)(6)
Sample time
85
INTCLK
(6)
Power-up time
60
µs
(6)
Resolution
8
8
bits
Monotonicity
GUARANTEED
No missing codes
GUARANTEED
Zero input reading
00
Hex
(6)
Full scale reading
FF
Hex
(6)
Offset error
0.3
0.5
LSBs
(1)(4)(6)
Gain error
0.6
LSBs
(4)(6)
DLE (Diff. Non Linearity error)
0.6
LSBs
(4)(6)
ILE (Int. Non Linearity error)
1.0
LSBs
(4)(6)
TUE (Absolute Accuracy)
–
1.0
1.0
LSBs
(4)(6)
Input Resistance
1.3
0.8
2.7
k
Ω
(3)(5)(6)
Hold Capacitance
1.4
pF
(5)(6)
Input Leakage
±1
µA
(6)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com