Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 319 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 319 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 312Page - STMicroelectronics ST92F120JR9T Datasheet HTML 313Page - STMicroelectronics ST92F120JR9T Datasheet HTML 314Page - STMicroelectronics ST92F120JR9T Datasheet HTML 315Page - STMicroelectronics ST92F120JR9T Datasheet HTML 316Page - STMicroelectronics ST92F120JR9T Datasheet HTML 317Page - STMicroelectronics ST92F120JR9T Datasheet HTML 318Page - STMicroelectronics ST92F120JR9T Datasheet HTML 319Page - STMicroelectronics ST92F120JR9T Datasheet HTML 320Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 319 / 320 page
background image
319/320
ST92F120 - GENERAL INFORMATION
12 GENERAL INFORMATION
12.1 PACKAGE MECHANICAL DATA
Figure 125. 64-Pin Thin Quad Flat Package
Figure 126. 100-Pin Plastic Quad Flat Package
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15 0.002
0.006
A2
1.35 1.40 1.45 0.053 0.055 0.057
B
0.30 0.37 0.45 0.012 0.015 0.018
C
0.09
0.20 0.004
0.008
D
16.00
0.630
D1
14.00
0.551
D3
12.00
0.472
E
16.00
0.630
E1
14.00
0.551
E3
12.00
0.472
e
0.80
0.031
K
0
°
3.5
°
7
°
L
0.45 0.60 0.75 0.018 0.024 0.030
L1
1.00
0.039
Number of Pins
N
64
ND
16
NE
16
L1
L
K
PQFP 100
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.40
0.134
A1
0.25
0.010
A2
2.55 2.80 3.05 0.100 0.110 0.120
B
0.22
0.38 0.009
0.015
C
0.13
0.23 0.005
0.009
D
22.95 23.20 23.45 0.904 0.913 0.923
D1
19.90 20.00 20.10 0.783 0.787 0.791
D3
18.85
0.742
E
16.95 17.20 17.45 0.667 0.677 0.687
E1
13.90 14.00 14.10 0.547 0.551 0.555
E3
12.35
0.486
e
0.65
0.026
K
0
°
7
°
L
0.65 0.80 0.95 0.026 0.031 0.037
L1
1.60
0.063
Number of Pins
N
100
ND
30
NE
20
0.10mm
.004
seating plane
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com