Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 126 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 126 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 122Page - Analog Devices ADE7566 Datasheet HTML 123Page - Analog Devices ADE7566 Datasheet HTML 124Page - Analog Devices ADE7566 Datasheet HTML 125Page - Analog Devices ADE7566 Datasheet HTML 126Page - Analog Devices ADE7566 Datasheet HTML 127Page - Analog Devices ADE7566 Datasheet HTML 128Page - Analog Devices ADE7566 Datasheet HTML 129Page - Analog Devices ADE7566 Datasheet HTML 130Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 126 of 136
Table 142. I2C Slave Address SFR (I2CADR, 0xE9)
Bit No.
Mnemonic
Default
Description
7 to 1
I2CSLVADR
0
Address of the I2C Slave Being Addressed. Writing to this register starts the I2C transmission (read or write).
0
I2CR_W
0
Command Bit for Read or Write. When this bit is set to Logic 1, a read command is transmitted on the I2C
bus. Data from slave in the SPI2CRx SFR is expected after command byte. When this bit is set to Logic 0, a
write command is transmitted on the I2C bus. Data to slave is expected in the SPI2CTx SFR.
Table 143. I2C Interrupt Status Register SFR (SPI2CSTAT, 0xEA)
Bit No.
Mnemonic
Default
Description
7
I2CBUSY
0
This bit is set to Logic 1 when the I2C interface is used. When set, the Tx FIFO is emptied
6
I2CNOACK
0
I2C No Acknowledgement Transmit Interrupt. This bit is set to Logic 1 when the slave device
does not send an acknowledgement. The I2C communication is stopped after this event.
Write a 0 to this bit to clear it.
5
I2CRxIRQ
0
I2C Receive Interrupt. This bit is set to Logic 1 when the receive FIFO is not empty.
Write a 0 to this bit to clear it.
4
I2CTxIRQ
0
I2C Transmit Interrupt. This bit is set to Logic 1 when the transmit FIFO is empty.
Write a 0 to this bit to clear it.
3 to 2
I2CFIFOSTAT[1:0]
0
Status Bits for 3- or 4-Bytes Deep I2C FIFO. The FIFO monitored in these 2 bits is the one currently
used in I2C communication (receive or transmit) because only one FIFO is active at a time.
I2CFIFOSTAT[1:0]
Result
00
FIFO empty
01
Reserved
10
FIFO half full
11
FIFO full
1
I2CACC_ERR
0
Set when trying to write and read at the same time. Write a 0 to this bit to clear it.
0
I2CTxWR_ERR
0
Set when write was attempted when I2C transmit FIFO was full. Write a 0 to this bit to clear it.
READ AND WRITE OPERATIONS
Figure 98 and Figure 99 depict I2C read and write operations, respectively. Note that the LSB of the I2CADR register is used to select
whether a read or write operation is performed on the slave device. During the read operation, the master acknowledges are generated
automatically by the I2C peripheral. The master generated NACK before the end of a read operation is also automatically generated after
the I2CRCT, Bits[4:0] bits have been read from the slave. If the I2CADR register is updated during a transmission, instead of generating a
stop at the end of the read or write operation, the master generates a start condition and continues with the next communication.
Reading the SPI/I2C Receive Buffer SFR (SPI2CRx, 0x9B)
Reading the SPI2CRx SFR should be done with a 2-cycle instruction, such as
Mov a, spi2crx or Mov R0, spi2crx.
A 3-cycle instruction such as
Mov 3dh, spi2crx
will not transfer the right data into RAM Address 0x3d.
SCLK
SDATA
START BY
MASTER
ACK BY
SLAVE
ACK BY
MASTER
FRAME 2
DATA BYTE 1 FROM MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
19
9
1
A0
A1
A2
A3
A4
A5
A6
R/W
D0
D1
D2
D3
D4
D5
D6
D7
9
1
D0
D1
D2
D3
D4
D5
D6
D7
FRAME N + 1
DATA BYTE N FROM SLAVE
STOP BY
MASTER
NACK BY
MASTER
Figure 98. I2C Read Operation
SCLK
SDATA
START BY
MASTER
ACK BY
SLAVE
ACK BY
SLAVE
FRAME 2
DATA BYTE 1 FROM MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
19
9
1
STOP BY
MASTER
A0
A1
A2
A3
A4
A5
A6
R/W
D0
D1
D2
D3
D4
D5
D6
D7
Figure 99. I2C Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com