Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 129 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 129 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 125Page - Analog Devices ADE7566 Datasheet HTML 126Page - Analog Devices ADE7566 Datasheet HTML 127Page - Analog Devices ADE7566 Datasheet HTML 128Page - Analog Devices ADE7566 Datasheet HTML 129Page - Analog Devices ADE7566 Datasheet HTML 130Page - Analog Devices ADE7566 Datasheet HTML 131Page - Analog Devices ADE7566 Datasheet HTML 132Page - Analog Devices ADE7566 Datasheet HTML 133Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 129 of 136
I/O PORTS
PARALLEL I/O
The ADE7566/ADE7569 use three input/output ports to
exchange data with external devices. In addition to performing
general-purpose I/O, some are capable of driving an LCD or
performing alternate functions for the peripherals available on-
chip. In general, when a peripheral is enabled, the pins
associated with it cannot be used as a general-purpose I/O. The
I/O port can be configured through the SFRs in Table 145.
Table 145. I/O Port SFRs
SFR
Address
Bit
Addressable
Description
P0
0x80
Yes
Port 0 Register.
P1
0x90
Yes
Port 1 Register.
P2
0xA0
Yes
Port 2 Register.
EPCFG
0x9F
No
Extended Port
Configuration.
PINMAP0
0xB2
No
Port 0 Weak
Pull-Up Enable.
PINMAP1
0xB3
No
Port 1 Weak
Pull-Up Enable.
PINMAP2
0xB4
No
Port 2 Weak
Pull-Up Enable.
The three bidirectional I/O ports have internal pull-ups that can
be enabled or disabled individually for each pin. The internal
pull-ups are enabled by default. Disabling an internal pull-up
causes a pin to become open-drain. Weak internal pull-ups are
configured through the PINMAPx SFRs.
Figure 101 shows a typical bit latch and I/O buffer for an I/O
pin. The bit latch (one bit in the each port’s SFR) is represented
as a Type D flip-flop, which clocks in a value from the internal
bus in response to a write-to-latch signal from the CPU. The
Q output of the flip-flop is placed on the internal bus in response
to a read-latch signal from the CPU. The level of the port pin
itself is placed on the internal bus in response to a read pin
signal from the CPU. Some instructions that read a port activate
the read latch signal, and others activate the read pin signal. See
the Read-Modify-Write Instructions section for details.
READ
LATCH
INTERNAL
BUS
WRITE
TO LATCH
READ
PIN
D
CL
Q
LATCH
DVDD
Px.x
PIN
INTERNAL
PULL-UP
ALTERNATE
OUTPUT
FUNCTION
ALTERNATE
INPUT
FUNCTION
Q
CLOSED: PINMAPx.x = 0
OPEN: PINMAPx.x = 1
Figure 101. Port 0 Bit Latch and I/O Buffer
Weak Internal Pull-Ups Enabled
A pin with weak internal pull-up enabled is used as an input by
writing a 1 to the pin. The pin is pulled high by the internal pull-
ups, and the pin is read using the circuitry shown in Figure 101.
If the pin is driven low externally, it sources current because of
the internal pull-ups.
A pin with internal pull-up enabled is used as an output by
writing a 1 or a 0 to the pin to control the level of the output. If
a 0 is written to the pin, it drives a logic low output voltage
(VOL) and is capable of sinking TBD mA.
Open Drain (Weak Internal Pull-Ups Disabled)
When the weak internal pull-up on a pin is disabled, the pin
becomes open-drain. Use this open-drain pin as a high impedance
input by writing a 1 to the pin. The pin is read using the circuitry
shown in Figure 101. The open drain option is preferable for
inputs because it draws less current than the internal pull-ups
that were enabled.
To use an open-drain pin as a general-purpose output, an external
pull-up resistor is required. Open drain outputs are convenient
for changing the voltage to a logic high. The ADE7566/ADE7569
are 3.3 V devices, so an external resistor pulled up to 5 V may
ease interfacing to a 5 V IC, although most 5 V ICs are tolerant
of 3.3 V inputs. Pins with 0s written to them drive a logic low
output voltage (VOL) and are capable of sinking 1.6 mA.
38 kHz Modulation
Every ADE7566/ADE7569 provides a 38 kHz modulation
signal. The 38 kHz modulation is accomplished by internally
XOR’ing the level written to the I/O pin with a 38 kHz square
wave. Then, when a 0 is written to the I/O pin, it is modulated
as shown in Figure 102.
38kHz MODULATION
SIGNAL
OUTPUT AT
MOD38 PIN
LEVEL WRITTEN
TO MOD38
Figure 102. 38 kHz Modulation
Uses for this 38 kHz modulation include IR modulation of
a UART transmit signal or a low power signal to drive an
LED. The modulation can be enabled or disabled with the
MOD38EN bit in the CFG SFR. The 38 kHz modulation is
available on 8 pins, selected by the MOD38[7:0] bits in the
Extended Port Configuration SFR (EPCFG, 0x9F).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com