Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 131 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 131 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 127Page - Analog Devices ADE7566 Datasheet HTML 128Page - Analog Devices ADE7566 Datasheet HTML 129Page - Analog Devices ADE7566 Datasheet HTML 130Page - Analog Devices ADE7566 Datasheet HTML 131Page - Analog Devices ADE7566 Datasheet HTML 132Page - Analog Devices ADE7566 Datasheet HTML 133Page - Analog Devices ADE7566 Datasheet HTML 134Page - Analog Devices ADE7566 Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 131 of 136
Table 150. Port 0 SFR (P0, 0x80)
Bit No.
Address
Mnemonic
Default
Description1
7
0x87
T1
1
This bit reflects the state of P0.7/SS/T1 pin. It can be written or read.
6
0x86
T0
1
This bit reflects the state of P0.6/SCLK/T0 pin. It can be written or read.
5
0x85
1
This bit reflects the state of P0.5/MISO pin. It can be written or read.
4
0x84
1
This bit reflects the state of P0.4/MOSI/SDATA pin. It can be written or read.
3
0x83
CF2
1
This bit reflects the state of P0.3/CF2 pin. It can be written or read.
2
0x82
CF1
1
This bit reflects the state of P0.2/CF1 pin. It can be written or read.
1
0x81
1
This bit reflects the state of P0.1/FP19 pin. It can be written or read.
0
0x80
INT1
1
This bit reflects the state of BCTRL/INT1/P0.0 pin. It can be written or read.
1 When an alternate function is chosen for a pin of this port, the bit controlling this pin should always be set.
Table 151. Port 1 SFR (P1, 0x90)
Bit No.
Address
Mnemonic
Default
Description1
7
0x97
1
This bit reflects the state of P1.7/FP20 pin. It can be written or read.
6
0x96
1
This bit reflects the state of P1.6/FP2 pin. It can be written or read.
5
0x95
1
This bit reflects the state of P1.5/FP22 pin. It can be written or read.
4
0x94
T2
1
This bit reflects the state of P1.4/T2/FP23 pin. It can be written or read.
3
0x93
T2EX
1
This bit reflects the state of P1.3/T2EX/FP24 pin. It can be written or read.
2
0x92
1
This bit reflects the state of P1.2/FP25 pin. It can be written or read.
1
0x91
TxD
1
This bit reflects the state of P1.1/TxD pin. It can be written or read.
0
0x90
RxD
1
This bit reflects the state of P1.0/RxD pin. It can be written or read.
1 When an alternate function is chosen for a pin of this port, the bit controlling this pin should always be set.
Table 152. Port 2 SFR (P2, 0xA0)
Bit No.
Address
Mnemonic
Default
Description1
7 to 2
0x97 to 0x92
0x3F
These bits are unused and should be left set.
1
0x91
P2.1
1
This bit reflects the state of P2.1/FP17 pin. It can be written or read.
0
0x90
P2.0
1
This bit reflects the state of P2.0/FP18 pin. It can be written or read.
1 When an alternate function is chosen for a pin of this port, the bit controlling this pin should always be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com