Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 127 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 127 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 123Page - Analog Devices ADE7566 Datasheet HTML 124Page - Analog Devices ADE7566 Datasheet HTML 125Page - Analog Devices ADE7566 Datasheet HTML 126Page - Analog Devices ADE7566 Datasheet HTML 127Page - Analog Devices ADE7566 Datasheet HTML 128Page - Analog Devices ADE7566 Datasheet HTML 129Page - Analog Devices ADE7566 Datasheet HTML 130Page - Analog Devices ADE7566 Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 127 of 136
I2C RECEIVE AND TRANSMIT FIFOS
The I2C peripheral has a 4 byte receive FIFO and a 4 byte
transmit FIFO. The buffers reduce the overhead associated with
using the I2C peripheral. Figure 100 shows the operation of the
I2C receive and transmit FIFOs.
The Tx FIFO can be loaded with four bytes to be transmitted to
the slave at the beginning of a write operation. When the
transmit FIFO is empty, the I2C transmit interrupt flag is set,
and the PC vectors to the I2C interrupt vector if this interrupt is
enabled. If a new byte is not loaded into the Tx FIFO before it is
needed in the transmit shift register, the communication stops.
An error, such as not receiving an acknowledge, also causes the
communication to terminate. In case of an error during a write
operation, the Tx FIFO is flushed.
The Rx FIFO allows four bytes to be read in from the slave
before the MCU has to read the data. A receive interrupt can
be generated after each byte is received or when the Rx FIFO
is full. If the peripheral is reading from a slave address, the
communication stops once the number of received bytes equals
the number set in the I2CRCT, Bits[4:0]. An error, such as not
receiving an acknowledge, also causes the communication to
terminate.
I2CTx
4 BYTE FIFO
MOV I2CTx, TxDATA1
MOV I2CTx, TxDATA2
MOV I2CTx, TxDATA3
MOV I2CTx, TxDATA4
CODE TO FILL Tx FIFO:
TRANSMIT SHIFT REGISTER
I2CRx
RECEIVE SHIFT REGISTER
4 BYTE FIFO
CODE TO READ Rx FIFO:
MOV A, I2CRx; RESULT: A = RxDATA1
MOV A, I2CRx; RESULT: A = RxDATA2
MOV A, I2CRx; RESULT: A = RxDATA3
MOV A, I2CRx; RESULT: A = RxDATA4
TxDATA1
TxDATA2
TxDATA3
TxDATA4
RxDATA4
RxDATA3
RxDATA2
RxDATA1
Figure 100. I2C FIFO Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com