Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 128 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 128 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 124Page - Analog Devices ADE7566 Datasheet HTML 125Page - Analog Devices ADE7566 Datasheet HTML 126Page - Analog Devices ADE7566 Datasheet HTML 127Page - Analog Devices ADE7566 Datasheet HTML 128Page - Analog Devices ADE7566 Datasheet HTML 129Page - Analog Devices ADE7566 Datasheet HTML 130Page - Analog Devices ADE7566 Datasheet HTML 131Page - Analog Devices ADE7566 Datasheet HTML 132Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 128 of 136
DUAL DATA POINTERS
Each ADE7566/ADE7569 incorporates two data pointers. The
second data pointer is a shadow data pointer and is selected via
the Data Pointer Control SFR SFR (DPCON, 0xA7). DPCON
features automatic hardware post-increment and post-
decrement, as well as an automatic data pointer toggle.
Note that this section of the data sheet is the only place where
the main and shadow data pointers are distinguished. Whenever
the data pointer (DPTR) is mentioned elsewhere in the data
sheet, active DPTR is implied.
In addition, only the MOVC/MOVX @DPTR instructions
automatically post-increment and post-decrement the DPTR.
Other MOVC/MOVX instructions, such as MOVC PC or
MOVC @Ri, do not cause the DPTR to automatically post-
increment and post-decrement.
To illustrate the operation of DPCON, the following code copies
256 bytes of code memory at Address 0xD000 into XRAM,
starting from Address 0x0000:
MOV DPTR,#0
;Main DPTR = 0
MOV DPCON,#55H
;Select shadow DPTR
;DPTR1 increment mode
;DPTR0 increment mode
;DPTR auto toggling ON
MOV DPTR,#0D000H ;DPTR = D000H
MOVELOOP: CLR A
MOVC A,@A+DPTR
;Get data
;Post Inc DPTR
;Swap to Main DPTR(Data)
MOVX @DPTR,A
;Put ACC in
XRAM
;Increment main DPTR
;Swap Shadow DPTR(Code)
MOV A, DPL
JNZ MOVELOOP
Table 144. Data Pointer Control SFR SFR (DPCON, 0xA7)
Bit No.
Mnemonic
Default
Description
7
0
Not Implemented, Write Don’t Care.
6
DPT
0
Data Pointer Automatic Toggle Enable. Cleared by the user to disable auto swapping of the DPTR.
Set in user software to enable automatic toggling of the DPTR after each MOVX or MOVC instruction.
DP1m1,
DP1m0
0
Shadow Data Pointer Mode. These bits enable extra modes of the shadow data pointer operation,
allowing more compact and more efficient code size and execution.
DP1m1
DP1m0
Result (Behavior of the Shadow Data Pointer)
0
0
8052 behavior.
0
1
DPTR is post-incremented after a MOVX or a MOVC instruction.
1
0
DPTR is post-decremented after a MOVX or MOVC instruction.
5, 4
1
1
DPTR LSB is toggled after a MOVX or MOVC instruction. This instruction can be
useful for moving 8-bit blocks to/from 16-bit devices.
DP0m1,
DP0m0
0
Main Data Pointer Mode. These bits enable extra modes of the main data pointer operation, allowing
more compact and more efficient code size and execution.
DP0m1
DP0m0
Result (Behavior of the Main Data Pointer)
0
0
8052 behavior.
0
1
DPTR is post-incremented after a MOVX or a MOVC instruction.
1
0
DPTR is post-decremented after a MOVX or MOVC instruction.
3, 2
1
1
DPTR LSB is toggled after a MOVX or MOVC instruction. This instruction is useful
for moving 8-bit blocks to/from 16-bit devices.
1
0
Not Implemented, Write Don’t Care.
0
DPSEL
0
Data Pointer Select. Cleared by the user to select the main data pointer, meaning that the contents of
this 16-bit register are placed into the DPL SFR and DPH SFR. Set by the user to select the shadow data
pointer, meaning that the contents of a separate 16-bit register appear in the DPL SRF and DPH SFR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com