Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 47 Page - Numonyx B.V

Part # JS28F640P30T85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 Datasheet(HTML) 47 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 43Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 44Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 45Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 46Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 47Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 48Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 49Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 50Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 51Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
47
P30
Block Locking/
Unlocking
0x60
Lock Block Setup
First cycle of a 2-cycle command; prepares the CUI for block lock
configuration changes. If the next command is not Block Lock (0x01), Block
Unlock (0xD0), or Block Lock-Down (0x2F), the CUI sets Status Register bits
SR[4] and SR[5], indicating a command sequence error.
0x01
Lock Block
If the previous command was Block Lock Setup (0x60), the addressed block
is locked.
0xD0
Unlock Block
If the previous command was Block Lock Setup (0x60), the addressed block
is unlocked. If the addressed block is in a lock-down state, the operation has
no effect.
0x2F
Lock-Down Block
If the previous command was Block Lock Setup (0x60), the addressed block
is locked down.
Protection
0xC0
Program Protection
Register Setup
First cycle of a 2-cycle command; prepares the device for a Protection
Register or Lock Register program operation. The second cycle latches the
register address and data, and starts the programming algorithm
Configuration
0x60
Read Configuration
Register Setup
First cycle of a 2-cycle command; prepares the CUI for device read
configuration. If the Set Read Configuration Register command (0x03) is not
the next command, the CUI sets Status Register bits SR[4] and SR[5],
indicating a command sequence error.
0x03
Read Configuration
Register
If the previous command was Read Configuration Register Setup (0x60), the
CUI latches the address and writes A[15:0] to the Read Configuration
Register. Following a Configure Read Configuration Register command,
subsequent read operations access array data.
Table 24: Command Codes and Definitions (Sheet 2 of 2)
Mode
Code
Device Mode
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com