Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 83 Page - Numonyx B.V

Part # JS28F640P30T85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 Datasheet(HTML) 83 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 79Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 80Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 81Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 82Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 83Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 84Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 85Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 86Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 87Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
83
P30
Figure 42: Block Erase Flowchart
Start
FULL ERASE STATUS CHECK PROCEDURE
Repeat for subsequent block erasures.
Full Status register check can be done after each block erase
or after a sequence of block erasures.
Write 0xFF after the last operation to enter read array mode.
Only the Clear Status Register command clears SR[1, 3, 4, 5].
If an error is detected, clear the Status register before
attempting an erase retry or other error recovery.
No
Suspend
Erase
1
0
0
0
1
1,1
1
1
0
Yes
Suspend
Erase
Loop
0
Write 0x20,
Block Address
Write 0xD0,
Block Address
Read Status
Register
SR[7] =
Full Erase
Status Check
(if desired)
Block Erase
Complete
Read Status
Register
Block Erase
Successful
SR[1] =
Block Locked
Error
BLOCK ERASE PROCEDURE
Bus
Operation Command
Comments
Write
Block
Erase
Setup
Data = 0x20
Addr = Block to be erased (BA)
Write
Erase
Confirm
Data = 0xD0
Addr = Block to be erased (BA)
Read
None
Status Register data.
Idle
None
Check SR[7]:
1 = WSM ready
0 = WSM busy
Bus
Operation
Command
Comments
SR[3] =
V
PP Range
Error
SR[4,5] =
Command
Sequence Error
SR[5] =
Block Erase
Error
Idle
None
Check SR[3]:
1 = V
PP Range Error
Idle
None
Check SR[4,5]:
Both 1 = Command Sequence Error
Idle
None
Check SR[5]:
1 = Block Erase Error
Idle
None
Check SR[1]:
1 = Attempted erase of locked block;
erase aborted.
(Block Erase)
(Erase Confirm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com