Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 49 Page - Numonyx B.V

Part # JS28F640P30T85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 Datasheet(HTML) 49 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 45Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 46Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 47Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 48Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 49Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 50Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 51Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 52Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
49
P30
10.3
Read Configuration Register
The Read Configuration Register (RCR) is used to select the read mode (synchronous or
asynchronous), and it defines the synchronous burst characteristics of the device. To
modify RCR settings, use the Configure Read Configuration Register command (see
Section 9.2, “Device Commands” on page 45).
RCR contents can be examined using the Read Device Identifier command, and then
reading from offset 0x05 (see Section 14.2, “Read Device Identifier” on page 70).
The RCR is shown in Table 25. The following sections describe each RCR bit.
Table 25: Read Configuration Register Description
Read Configuration Register (RCR)
Read
Mode
RES
Latency Count
WAIT
Polarity
Data
Hold
WAIT
Delay
Burst
Seq
CLK
Edge
RES
RES
Burst
Wrap
Burst Length
RM
R
LC[2:0]
WP
DH
WD
BS
CE
R
R
BW
BL[2:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
Name
Description
15
Read Mode (RM)
0 = Synchronous burst-mode read
1 = Asynchronous page-mode read (default)
14
Reserved (R)
Reserved bits should be cleared (0)
13:11
Latency Count (LC[2:0])
010 =Code 2
011 =Code 3
100 =Code 4
101 =Code 5
110 =Code 6
111 =Code 7 (default)
(Other bit settings are reserved)
10
Wait Polarity (WP)
0 =WAIT signal is active low
1 =WAIT signal is active high (default)
9
Data Hold (DH)
0 =Data held for a 1-clock data cycle
1 =Data held for a 2-clock data cycle (default)
8Wait Delay (WD)
0 =WAIT deasserted with valid data
1 =WAIT deasserted one data cycle before valid data (default)
7
Burst Sequence (BS)
0 =Reserved
1 =Linear (default)
6
Clock Edge (CE)
0 = Falling edge
1 = Rising edge (default)
5:4
Reserved (R)
Reserved bits should be cleared (0)
3
Burst Wrap (BW)
0 =Wrap; Burst accesses wrap within burst length set by BL[2:0]
1 =No Wrap; Burst accesses do not wrap within burst length (default)
2:0
Burst Length (BL[2:0])
001 =4-word burst
010 =8-word burst
011 =16-word burst
111 =Continuous-word burst (default)
(Other bit settings are reserved)
Note:
Latency Code 2, Data Hold for a 2-clock data cycle (DH = 1) WAIT must be deasserted with valid data (WD = 0).
Latency Code 2, Data Hold for a 2-cock data cycle (DH=1) WAIT deasserted one data cycle before valid data (WD = 1)
combination is not supported.
Table 25, “Read Configuration Register Description” on page 49 is
shown using the QUAD+ package. For EASY BGA and TSOP packages, the table reference should be adjusted using
address bits A[16:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com