Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 67 Page - Numonyx B.V

Part # JS28F640P30T85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 Datasheet(HTML) 67 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 63Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 64Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 65Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 66Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 67Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 68Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 69Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 70Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 71Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
67
P30
The user-programmable Protection Registers contain one-time programmable (OTP)
bits; when programmed, register bits cannot be erased. Each Protection Register can
be accessed multiple times to program individual bits, as long as the register remains
unlocked.
Each Protection Register has an associated Lock Register bit. When a Lock Register bit
is programmed, the associated Protection Register can only be read; it can no longer be
programmed. Additionally, because the Lock Register bits themselves are OTP, when
programmed, Lock Register bits cannot be erased. Therefore, when a Protection
Register is locked, it cannot be unlocked.
.
13.3.1
Reading the Protection Registers
The Protection Registers can be read from any address. To read the Protection Register,
first issue the Read Device Identifier command at any address to place the device in the
Read Device Identifier state (see Section 9.2, “Device Commands” on page 45). Next,
perform a read operation using the address offset corresponding to the register to be
read. Table 33, “Device Identifier Information” on page 70 shows the address offsets of
the Protection Registers and Lock Registers. Register data is read 16 bits at a time.
Figure 31: Protection Register Map
0x89
Lock Register 1
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
0x102
0x109
0x8A
0x91
128-bit Protection Register 16
(User-Programmable)
128-bit Protection Register 1
(User-Programmable)
0x88
0x85
64-bit Segment
(User-Programmable)
0x84
0x81
0x80
Lock Register 0
64-bit Segment
(Factory-Programmed)
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
128-Bit Protection Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com