Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 93 Page - Numonyx B.V

Part # JS28F640P30T85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 Datasheet(HTML) 93 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 89Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 90Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 91Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 92Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 93Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 94Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 95Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 96Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 97Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
93
P30
Table 44: Partition and Erase Block Region Information
Table 45: Partition Region 1 Information
Offset
(1)
See table below
P = 10Ah
Description
Address
Bottom
Top
(Optional flash features and commands)
Len
Bot
Top
(P+23)h
(P+23)h
1
12D:
12D:
Number of device hardware-partition regions within the device.
x = 0: a single hardware partition device (no fields follow).
x specifies the number of device partition regions containing
one or more contiguous erase block regions.
Offset
(1)
See table below
P = 10Ah
Description
Address
Bottom
Top
(Optional flash features and commands)
Len
Bot
Top
(P+24)h
(P+24)h Data size of this Parition Region Information field
2
12E:
12E
(P+25)h
(P+25)h (# addressable locations, including this field)
12F
12F
(P+26)h
(P+26)h Number of identical partitions within the partition region
2
130:
130:
(P+27)h
(P+27)h
131:
131:
(P+28)h
(P+28)h
1
132:
132:
(P+29)h
(P+29)h
1
133:
133:
(P+2A)h (P+2A)h
1
134:
134:
(P+2B)h (P+2B)h
1
135:
135:
Types of erase block regions in this Partition Region.
x = 0 = no erase blocking; the Partition Region erases in bulk
x = number of erase block regions w/ contiguous same-size
erase blocks. Symmetrically blocked partitions have one
blocking region. Partition size = (Type 1 blocks)x(Type 1
block sizes) + (Type 2 blocks)x(Type 2 block sizes) +…+
(Type n blocks)x(Type n block sizes)
Number of program or erase operations allowed in a partition
bits 0–3 = number of simultaneous Program operations
bits 4–7 = number of simultaneous Erase operations
Simultaneous program or erase operations allowed in other partitions while a
partition in this region is in Program mode
bits 0–3 = number of simultaneous Program operations
bits 4–7 = number of simultaneous Erase operations
Simultaneous program or erase operations allowed in other partitions while a
partition in this region is in Erase mode
bits 0–3 = number of simultaneous Program operations
bits 4–7 = number of simultaneous Erase operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com